Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5618AMFKB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5618AMFKB
Description  2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5618AMFKB Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV5618AMFKB Datasheet HTML 4Page - Texas Instruments TLV5618AMFKB Datasheet HTML 5Page - Texas Instruments TLV5618AMFKB Datasheet HTML 6Page - Texas Instruments TLV5618AMFKB Datasheet HTML 7Page - Texas Instruments TLV5618AMFKB Datasheet HTML 8Page - Texas Instruments TLV5618AMFKB Datasheet HTML 9Page - Texas Instruments TLV5618AMFKB Datasheet HTML 10Page - Texas Instruments TLV5618AMFKB Datasheet HTML 11Page - Texas Instruments TLV5618AMFKB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
TLV5618A
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT
DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
SLAS230H – JULY 1999 – REVISED JULY 2002
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
–40
–20
0
20
40
60
80
100
120
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – C
VDD = 3 V
VREF = 1 V
Full Scale
Fast Mode
Slow Mode
Figure 7
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
–40
–20
0
20
40
60
80
100
120
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – C
VDD = 5 V
VREF = 2 V
Full Scale
Fast Mode
Slow Mode
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1
10
100
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
VREF = 1 V + 1 VP/P Sinewave,
Output Full Scale
3 V Fast Mode
5 V Fast Mode
Figure 8
f – Frequency – kHz
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1
10
100
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
VREF = 1 V + 1 VP/P Sinewave,
Output Full Scale
5 V Slow Mode
3 V Slow Mode
f – Frequency – kHz
Figure 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com