Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5618AMFKB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5618AMFKB
Description  2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5618AMFKB Datasheet(HTML) 3 Page - Texas Instruments

  TLV5618AMFKB Datasheet HTML 1Page - Texas Instruments TLV5618AMFKB Datasheet HTML 2Page - Texas Instruments TLV5618AMFKB Datasheet HTML 3Page - Texas Instruments TLV5618AMFKB Datasheet HTML 4Page - Texas Instruments TLV5618AMFKB Datasheet HTML 5Page - Texas Instruments TLV5618AMFKB Datasheet HTML 6Page - Texas Instruments TLV5618AMFKB Datasheet HTML 7Page - Texas Instruments TLV5618AMFKB Datasheet HTML 8Page - Texas Instruments TLV5618AMFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TLV5618A
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT
DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
SLAS230H – JULY 1999 – REVISED JULY 2002
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage (VDD to AGND)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference input voltage range
– 0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range
– 0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TLV5618AC
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLV5618AI
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLV5618AQ
– 40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLV5618AM
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
TA = 125°C
PACKAGE
TA ≤ 25 C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C‡
TA = 70 C
POWER RATING
TA = 85 C
POWER RATING
TA = 125 C
POWER RATING
D
635 mW
5.08 mW/
°C
407 mW
330 mW
127 mW
FK
1375 mW
11.00 mW/
°C
880 mW
715 mW
275 mW
JG
1050 mW
8.40 mW/
°C
672 mW
546 mW
210 mW
‡ This is the inverse of the traditional junction-to-ambient thermal resistance (R
ΘJA). Thermal resistances are not production tested and are for
informational purposes only.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage V
VDD = 5 V
4.5
5
5.5
V
Supply voltage, VDD
VDD = 3 V
2.7
3
3.3
V
Power on reset
0.55
2
V
High level digital input voltage V
VDD = 2.7 V
2
V
High-level digital input voltage, VIH
VDD = 5.5 V
2.4
V
Low level digital input voltage V
VDD = 2.7 V
0.6
V
Low-level digital input voltage, VIL
VDD = 5.5 V
1
V
Reference voltage V
to REF terminal
VDD = 5 V (see Note 1)
AGND
2.048
VDD –1.5
V
Reference voltage, Vref to REF terminal
VDD = 3 V (see Note 1)
AGND
1.024
VDD – 1.5
V
Load resistance, RL
2
k
Ω
Load capacitance, CL
100
pF
Clock frequency, f(CLK)
20
MHz
TLV5618AC
0
70
Operating free air temperature TA
TLV5618AI
– 40
85
°C
Operating free-air temperature, TA
TLV5618AQ
– 40
125
°C
TLV5618AM
– 55
125
NOTE 1: Due to the x2 output buffer, a reference input voltage
≥ (VDD–0.4 V)/2 causes clipping of the transfer function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com