Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70433DBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70433DBVT
Description  24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV70433DBVT Datasheet(HTML) 4 Page - Texas Instruments

  TLV70433DBVT Datasheet HTML 1Page - Texas Instruments TLV70433DBVT Datasheet HTML 2Page - Texas Instruments TLV70433DBVT Datasheet HTML 3Page - Texas Instruments TLV70433DBVT Datasheet HTML 4Page - Texas Instruments TLV70433DBVT Datasheet HTML 5Page - Texas Instruments TLV70433DBVT Datasheet HTML 6Page - Texas Instruments TLV70433DBVT Datasheet HTML 7Page - Texas Instruments TLV70433DBVT Datasheet HTML 8Page - Texas Instruments TLV70433DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
3.4
3.38
3.36
3.34
3.32
3.3
3.28
3.26
3.24
3.22
3.2
4
8
12
16
20
24
Input Voltage (V)
-40 C
+85 C
°
°
°
+25 C
V
= 3.3 V
I
= 5 mA
OUT
OUT
Output Current (mA)
0
30
60
90
120
150
3.6
3.5
3.4
3.3
3.2
3.1
3
-
°
40 C
+25 C
°
+85 C
°
Junction Temperature (°C)
-40 -25 -10
5
20
35
50
65
80
95
110 125
3.465
3.432
3.399
3.366
3.333
3.3
3.267
3.234
3.201
3.168
3.135
I
= 80 mA
OUT
I
= 10 mA
OUT
V
= 4.3 V
IN
120
100
80
60
40
20
0
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
Input Voltage (V)
-40 C
+85 C
+25 C
°
°
°
I
= 10 mA
OUT
2100
1800
1500
1200
900
600
300
0
0
30
60
90
120
150
Output Current (mA)
-40 C
+85 C
+25 C
°
°
°
Junction Temperature (°C)
-40 -25 -10
5
20
35
50
65
80
95
110 125
4.5
4
3.5
3
2.5
2
V
= 4.3 V
V
= 3.3 V
I
= 1 F
m
IN
OUT
OUT
TLV704xx
SBVS148C
– OCTOBER 2010 – REVISED AUGUST 2011
www.ti.com
TYPICAL CHARACTERISTICS
LOAD REGULATION
LINE REGULATION
(VOUT = 3.3 V)
Figure 1.
Figure 2.
OUTPUT VOLTAGE vs
DROPOUT VOLTAGE vs INPUT VOLTAGE
JUNCTION TEMPERATURE
TLV70433
Figure 3.
Figure 4.
DROPOUT VOLTAGE vs OUTPUT CURRENT
GROUND CURRENT vs JUNCTION TEMPERATURE
Figure 5.
Figure 6.
4
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com