Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70433DBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70433DBVT
Description  24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV70433DBVT Datasheet(HTML) 3 Page - Texas Instruments

  TLV70433DBVT Datasheet HTML 1Page - Texas Instruments TLV70433DBVT Datasheet HTML 2Page - Texas Instruments TLV70433DBVT Datasheet HTML 3Page - Texas Instruments TLV70433DBVT Datasheet HTML 4Page - Texas Instruments TLV70433DBVT Datasheet HTML 5Page - Texas Instruments TLV70433DBVT Datasheet HTML 6Page - Texas Instruments TLV70433DBVT Datasheet HTML 7Page - Texas Instruments TLV70433DBVT Datasheet HTML 8Page - Texas Instruments TLV70433DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
_
+
Current
Sense
R
1
R
2
V
IN
GND
V
OUT
I
LIM
Bandgap
Reference
V
REF =1.205V
R =840kW
2
TLV704xx
www.ti.com
SBVS148C
– OCTOBER 2010 – REVISED AUGUST 2011
ELECTRICAL CHARACTERISTICS
All values are at TA = +25°C, VIN = VOUT(nom) + 1 V, IOUT = 1 mA, and COUT = 1 µF, unless otherwise noted.
TLV704xx
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage range
24
V
VO
Output voltage range
1.2
5
V
VOUT
DC output accuracy
–2
2
%
ΔVO for ΔVIN
Line regulation
VOUT(NOM) + 1 V < VIN < 24 V
20
50
mV
0 mA
< IOUT < 10 mA
10
mV
VOUT ≤ 3.3 V
0 mA
< IOUT < 50 mA
25
mV
0 mA
< IOUT < 100 mA
33
50
mV
ΔVO for ΔIOUT
Load regulation
0 mA
< IOUT < 10 mA
7
mV
VOUT ≥ 3.3 V
0 mA
< IOUT < 50 mA
35
mV
0 mA
< IOUT < 100 mA
50
75
mV
IOUT = 10 mA
75
mV
VDO
Dropout voltage(1)
IOUT = 50 mA
400
mV
IOUT = 100 mA
850
1100
mV
ICL
Output current limit
VOUT = 0 V
160
1000
mA
IOUT = 0 mA
3.2
4.5
µA
IGND
Ground pin current
IOUT = 100 mA
3.4
5.5
µA
Power-supply rejection
PSRR
f = 100 kHz, COUT = 10 µF
60
dB
ratio
Operating junction
TJ
–40
+125
°C
temperature
(1)
VIN = VOUT(NOM) – 0.1 V.
FUNCTIONAL BLOCK DIAGRAM
Table 1. Pin Descriptions
TLV704xx
NAME
DBV
DESCRIPTION
GND
1
Ground
IN
2
Unregulated input voltage.
OUT
3
Regulated output voltage. Any capacitor greater than 1
µF between this pin and ground is needed for stability.
NC
4, 5
No connection. This pin can be left open or tied to ground for improved thermal performance.
Copyright
© 2010–2011, Texas Instruments Incorporated
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com