Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVC0805 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HVC0805
Description  High Voltage Thick Film Chip Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HVC0805 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HVC0805 Datasheet HTML 1Page - List of Unclassifed Manufacturers HVC0805 Datasheet HTML 2Page - List of Unclassifed Manufacturers HVC0805 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev Date: 01/02/2014
3
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
HVC Series
High Voltage Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
H
V
C
B
2
5
1
2
F
K
C
1
0
M
0
Nominal
Size
TCR
Resistance
Tolerance
1206
T2
100M
5%
Code
Termination
TCR
Tol
SEI Types
Pkg Qty
Description
Code
Solderable wraparound
T0 = 200ppm
± 0.1%
0603, 0805
5,000
7" Reel - Paper Tape
R
100% matte tin
T1 = 100ppm
± 0.25%
1206, 2010
4,000
7" Reel - Plastic Tape
HVCG
Wire bondable (gold)
T2 = 50ppm
± 0.5%
2512
2,000
7" Reel - Plastic Tape
Solderable single surface
T9 = 25ppm
± 1%
0603, 0805, 1206
7" Reel - Paper Tape
(Sn/Pb)
± 2%
2010, 2512, 3512
7" Reel - Plastic Tape
Solderable single surface
± 5%
0603, 0805, 1206
7" Reel - Paper Tape
100% matte tin
± 10%
2010, 2512, 3512
7" Reel - Plastic Tape
± 20%
All Types
1,000
Bulk
A
R
HVCS
HVCZ
SEI Type & Termination
Packaging
HVCB
R
HVCB
D
I
1,000
500
Size
0603
Code
Tol
Code
Quantity
Code ppm
0805
B
0.1%
5,000
E
25
HVCG
Wire bondable (gold)
1206
C
0.25%
4,000
C
50
Solderable single surface
2010
D
0.5%
2,000
D
100
(Sn/Pb)
2512
F
1%
L
200
Solderable single surface
3512
G
2%
M
300
(100% matte tin)
J
5%
K
10%
M
20%
B
1,000
Bulk
All Sizes
2010, 2512, 3512
500
7" Reel - Plastic Tape
0.06W
0.2W
HVCB
Solderable wraparound
(100% matte tin)
7" Reel - Plastic Tape
2010, 2512, 3512
1,000
0.33W
1W
2W
7" Reel - Paper Tape
0603, 0805, 1206
2512
D
K
HVCS
3W
T
HVCZ
Description
7" Reel - Paper Tape
7" Reel - Paper Tape
0603, 0805, 1206
1 Mohm = 1M00
Four characters with the
multiplier used as the
decimal holder.
0603, 0805
1206, 2010
10 Kohm = 10K0
TCR
7" Reel - Plastic Tape
10 Gohm = 10G0
Packaging
Product Series
Power
Tolerance
Size
Resistance Value
0
150ºC
120
140
160
180
Ambient Temperature (ºC)
-60
-40
-20
0
20
40
60
80
100
100
-55ºC
70ºC
80
60
40
20
Power Derating Curve:
Legacy Part Number (before January 3, 2011):
How to Order



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com