Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVC0805 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HVC0805
Description  High Voltage Thick Film Chip Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HVC0805 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HVC0805 Datasheet HTML 1Page - List of Unclassifed Manufacturers HVC0805 Datasheet HTML 2Page - List of Unclassifed Manufacturers HVC0805 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev Date: 01/02/2014
1
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
HVC Series
High Voltage Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
0.1%
0.25%
0.5%
1%
2%
5%
10%
20%
± 50 ppm/ºC
10K - 10M
10K - 100M
10K - 500M
10K - 500M
10K - 500M
10K - 500M
± 100 ppm/ºC
10K - 10M
10K - 500M
10K - 1G
10K - 1G
10K - 10G
10K - 10G
± 200 ppm/ºC
10K - 10M
10K - 500M
10K - 1G
10K - 1G
10K - 10G
10K - 50G
± 300 ppm/ºC
10K - 10M
10K - 500M
10K - 1G
10K - 1G
10K - 10G
10K - 50G
± 50 ppm/ºC
10K - 10M
10K - 500M
10K - 500M
10K - 500M
10K - 500M
10K - 500M
± 100 ppm/ºC
10K - 10M
10K - 1G
10K - 1G
10K - 1G
10K - 1G
10K - 1G
± 200 ppm/ºC
10K - 10M
10K - 1G
10K - 1G
10K - 10G
10K - 10G
10K - 50G
± 300 ppm/ºC
10K - 10M
10K - 1G
10K - 1G
10K - 10G
10K - 10G
10K - 50G
± 25 ppm/ºC
1M - 10M
1M - 100M
1M - 100M
1M - 100M
1M - 100M
1M - 100M
1M - 100M
1M - 100M
± 50 ppm/ºC
100K - 10M
100K - 100M
100K - 500M
100K - 500M
100K - 500M
100K - 500M
100K - 500M
100K - 500M
± 100 ppm/ºC
10K - 10M
10K - 100M
10K - 500M
10K - 1G
10K - 1G
10K - 1G
10K - 1G
10K - 1G
± 200 ppm/ºC
10K - 10M
10K - 100M
10K - 500M
10K - 1G
10K - 10G
10K - 10G
10K - 10G
10K - 10G
± 300 ppm/ºC
10K - 10M
10K - 100M
10K - 500M
10K - 1G
10K - 10G
10K - 10G
10K - 10G
10K - 10G
± 25 ppm/ºC
1M - 10M
1M - 100M
1M - 100M
1M - 100M
1M - 100M
1M - 100M
1M - 100M
1M - 100M
± 50 ppm/ºC
100K - 10M
100K - 100M
100K - 500M
100K - 500M
100K - 500M
100K - 500M
100K - 500M
100K - 500M
± 100 ppm/ºC
10K - 10M
10K - 100M
10K - 500M
10K - 1G
10K - 1G
10K - 1G
10K - 1G
10K - 1G
± 200 ppm/ºC
10K - 10M
10K - 100M
10K - 500M
10K - 1G
10K - 10G
10K - 10G
10K - 10G
10K - 10G
± 300 ppm/ºC
10K - 10M
10K - 100M
10K - 500M
10K - 1G
10K - 10G
10K - 10G
10K - 10G
10K - 10G
± 25 ppm/ºC
1M - 100M
1M - 500M
1M - 500M
1M - 500M
1M - 500M
1M - 500M
1M - 500M
1M - 500M
± 50 ppm/ºC
100K - 100M
100K - 500M
100K - 1G
100K - 1G
100K - 1G
100K - 1G
100K - 1G
100K - 1G
± 100 ppm/ºC
10K - 100M
10K - 500M
10K - 1G
10K - 10G
10K - 10G
10K - 10G
100K - 50G
100K - 50G
± 200 ppm/ºC
10K - 100M
10K - 500M
10K - 1G
10K - 10G
10K - 10G
10K - 10G
100K - 50G
100K - 50G
± 300 ppm/ºC
10K - 100M
10K - 500M
10K - 1G
10K - 10G
10K - 10G
10K - 10G
100K - 50G
100K - 50G
± 25 ppm/ºC
1M - 100M
1M - 500M
1M - 500M
1M - 500M
1M - 500M
1M - 500M
1M - 500M
1M - 500M
± 50 ppm/ºC
100K - 100M
100K - 500M
100K - 1G
100K - 1G
100K - 1G
100K - 1G
100K - 1G
100K - 1G
± 100 ppm/ºC
10K - 100M
10K - 500M
10K - 1G
10K - 10G
10K - 10G
10K - 10G
100K - 50G
100K - 50G
± 200 ppm/ºC
10K - 100M
10K - 500M
10K - 1G
10K - 10G
10K - 10G
10K - 10G
100K - 50G
100K - 50G
± 300 ppm/ºC
10K - 100M
10K - 500M
10K - 1G
10K - 10G
10K - 10G
10K - 10G
100K - 50G
100K - 50G
(1) The continuous maximum voltage applied cannot exceed the maximum power rating and is ohmic value dependent.
(2) To achieve, the terminals must be properly isolated from each other with appropriate potting material.
Note: Other case sizes and tolerances are available.
-
-
Type /
Code
Power
Rating
(Watts)
@ 70ºC
Maximum
Working
Voltage
(1)
-
Resistane
Temperature
Coefficient
600V
10KV
40KV
HVC0603
0.06W
400V
5KV
HVC3512
3W
3,500V
HVC2010
HVC2512
1W
1,700V
20KV
2W
2,500V
25KV
HVC1206
0.33
HVC0805
0.2W
Ohmic Range (Ω) and Tolerance
Absolute
Maximum
Voltage
(2)
1200V
15KV
-
Features: •
Absolute voltage ratings up to 40,000 volts
•
Ohmic values to 50G
•
Available with wire bondable terminations
•
Tight tolerances to 0.1%
•
Utilizes fine film resistor deposition technology
•
Superior pulse handling capabilities
•
Low TCR to 25 ppm/ºC
•
Low VCR to 1 ppm/volt
•
Very low noise
•
Ultra high stability
•
Custom sizes available
•
Lower values may be available (contact factory)
•
Standard HVC parts are unmarked
•
RoHS compliant / lead-free
Electrical Specifications


Similar Part No. - HVC0805

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
HVC0805 RIEDON-HVC0805 Datasheet
176Kb / 2P
High Resistance, Thick Film Chip Resistors
logo
Ohmite Mfg. Co.
HVC0805 OHMITE-HVC0805 Datasheet
329Kb / 2P
Low temperature and voltage dependency
logo
Riedon Powertron
HVC0805 RIEDON-HVC0805 Datasheet
117Kb / 2P
High Resistance, Thick Film Chip Resistors
HVC0805 RIEDON-HVC0805 Datasheet
117Kb / 2P
High Resistance, Thick Film Chip Resistors
HVC0805 RIEDON-HVC0805 Datasheet
117Kb / 2P
High Resistance, Thick Film Chip Resistors
More results

Similar Description - HVC0805

ManufacturerPart #DatasheetDescription
logo
Rohm
KTR10 ROHM-KTR10 Datasheet
106Kb / 7P
Endured high voltage fixed thick film chip resistor
KTR10 ROHM-KTR10_1 Datasheet
87Kb / 7P
Endured high voltage fixed thick film chip resistor
logo
IRC - a TT electronics ...
F44KU6806G50BLK IRCTT-F44KU6806G50BLK Datasheet
245Kb / 3P
High Voltage Thick Film Resistor
logo
MERITEK ELECTRONICS COR...
CRHV MERITEK-CRHV Datasheet
543Kb / 3P
High Voltage Thick Film Chip Resistor
logo
Samsung semiconductor
RC1608J000CS SAMSUNG-RC1608J000CS Datasheet
5Mb / 40P
THICK-FILM CHIP RESISTOR
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201_13 Datasheet
167Kb / 1P
Thick Film Chip Resistor
logo
Samsung semiconductor
RC2012F2491CS SAMSUNG-RC2012F2491CS Datasheet
73Kb / 2P
Thick - Film chip RESISTOR
RP164PJ000CS SAMSUNG-RP164PJ000CS Datasheet
4Mb / 20P
THICK-FILM CHIP RESISTOR
logo
Stackpole Electronics, ...
HVC SEI-HVC Datasheet
267Kb / 5P
High Voltage Thick Film Chip Resistor
11/18/2020
RVC SEI-RVC Datasheet
337Kb / 6P
Medium Voltage Thick Film Chip Resistor
01/23/2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com