Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

91SA Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # 91SA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

91SA Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button 91SA Datasheet HTML 36Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 37Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 38Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 39Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 40Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 41Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 42Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 43Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
120 mm
12 mm
12 mm
ø
1,5 mm
81 g
EROP331
7,5 mm
<) 40°, flush cut, high quality tool steel, burnished,
ESD safe
Tip cutter bent, slim. Ideal for fine works. Exact guidance of
cutting edges.
110 mm
13,5 mm
11 mm
ø
1,0 mm
72 g
EROP155
7,5 mm
-
110 mm
11 mm
9,5 mm
-
ø
0,6 mm
61 g
Semi flush cut, high quality tool steel, burnished,
ESD safe
Side cutter, tapered head, slim-line. Fine cutting edges for
cutting thin wires and cutting tiny components.
EROP357
7,5 mm
130 mm
18 mm
11 mm
ø
2,0 mm
110 g
EROP419
8 mm
EROP CUTTERS AND PLIERS
40
Model
L
A
B
C
Max. Cu
Weight
Description
EROP Cutters and Pliers
Side Cutters
EROP Cutters and Pliers
The newly introduced EROP range from Erem offers a
variety of side cutters and pliers at a budget price. The
tools are manufactured from high quality tool steel have
a box joint construction, burnished heads, robust opening
leaf springs and replaceable soft ESD safe grips.
Tip Cutters
Model
L
A
B
D
Max. Cu
Weight
Description
110 mm
11 mm
9,5 mm
ø
1,0 mm
61 g
Semi flush cut, high quality tool steel, burnished,
ESD safe
Side cutter, tapered head, slim-line. Fine cutting edges for
fine work.
EROP355
7,5 mm
Semi flush cut, high quality tool steel, burnished,
ESD safe
Side cutter, round head. For assembly work on circuit boards,
telephone and radio work.
Semi flush cut, high quality tool steel, burnished,
ESD safe
Side cutter robust. Round head. For general use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com