Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

91SA Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # 91SA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

91SA Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button 91SA Datasheet HTML 44Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 45Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 46Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 47Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 48Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 49Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 50Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 51Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
120 mm
20 mm
27 mm
32 mm
36 mm
36 mm
505C
505E
505A
505BGC
505BG
-
505
High grade tool steel, anti-glare finish, ESD safe
Inserting and extracting pliers. Available sizes see chart.
Adjustable with screw.
Insertion: squeeze IC pins.
Extraction: adjust jaws width so that pins stay in the middle of holes.
IC and SMD Tools
IC AND SMD TOOLS
48
Model
L
E
Weight
Model
Description
Inserting and Extracting
IC and SMD Tools
Erem IC and SMD tools for inserting, extracting,
straightening and cutting of ICs and SMDs
130 mm
23 mm
42 mm
120 g
808G
1 mm
16 pins, high grade tool steel, anti-glare finish, ESD safe
Straightening pliers. For multiple DIL / IC leads. Before insertion or after
soldering. Laterally (a) or parallel (b). For up to 16 pins.
Ideal maintenance tool.
125 mm
23 mm
20 mm
85 g
508Z
1 mm
8 pins, high grade tool steel, anti-glare finish, ESD safe
Straightening pliers. For multiple DIL / IC leads. Before insertion or after
soldering. Laterally (a) or parallel (b). For up to 8 pins. Ideal mainte-
nance tool.
Straightening
Model
L
A
G
E
Weight
Description
(a)
(b)
(a)
(b)
Pins:
Width:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com