Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRMS=14V Datasheet(PDF) 22 Page - EPCOS

Part # VRMS=14V
Description  SIOV metal oxide varistors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

VRMS=14V Datasheet(HTML) 22 Page - EPCOS

Back Button VRMS=14V Datasheet HTML 18Page - EPCOS VRMS=14V Datasheet HTML 19Page - EPCOS VRMS=14V Datasheet HTML 20Page - EPCOS VRMS=14V Datasheet HTML 21Page - EPCOS VRMS=14V Datasheet HTML 22Page - EPCOS VRMS=14V Datasheet HTML 23Page - EPCOS VRMS=14V Datasheet HTML 24Page - EPCOS VRMS=14V Datasheet HTML 25Page - EPCOS VRMS=14V Datasheet HTML 26Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
v/i characteristics
v = f (i) - for explanation of the characteristics refer to "General technical information", 1.6.3
A = Leakage current, B = Protection level } for worst-case varistor tolerances
SIOV-S05 ...
Leaded varistors
B722*
StandarD series
Page 22 of 46
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com