Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRMS=14V Datasheet(PDF) 38 Page - EPCOS

Part # VRMS=14V
Description  SIOV metal oxide varistors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

VRMS=14V Datasheet(HTML) 38 Page - EPCOS

Back Button VRMS=14V Datasheet HTML 34Page - EPCOS VRMS=14V Datasheet HTML 35Page - EPCOS VRMS=14V Datasheet HTML 36Page - EPCOS VRMS=14V Datasheet HTML 37Page - EPCOS VRMS=14V Datasheet HTML 38Page - EPCOS VRMS=14V Datasheet HTML 39Page - EPCOS VRMS=14V Datasheet HTML 40Page - EPCOS VRMS=14V Datasheet HTML 41Page - EPCOS VRMS=14V Datasheet HTML 42Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
2.4
Taping mode
Example: B72210S0271K1 5 1
|
Digit 14
Digit 14 Taping
mode
Reel type
Seating plane height H0
for crimped types
mm
Seating plane height H
for uncrimped types
mm
Pitch distance
P0
mm
0
Bulk
1
G
I
16
18
12.7
2
G2
I
18
12.7
3
G3
II
16
18
12.7
4
G4
II
18
12.7
5
G5
III
16
18
12.7
6
GA
Ammo pack 16
18
12.7
7
G2A
Ammo pack 18
12.7
Internal coding for special taping
G6
III
18
12.7
G10
II
16
18
15.0
G11
II
18
15.0
G10A
Ammo pack 16
18
15.0
G11A
Ammo pack 18
15.0
Leaded varistors
B722*
StandarD series
Page 38 of 46
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com