Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRMS=300V Datasheet(PDF) 13 Page - EPCOS

Part # VRMS=300V
Description  SIOV metal oxide varistors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

VRMS=300V Datasheet(HTML) 13 Page - EPCOS

Back Button VRMS=300V Datasheet HTML 9Page - EPCOS VRMS=300V Datasheet HTML 10Page - EPCOS VRMS=300V Datasheet HTML 11Page - EPCOS VRMS=300V Datasheet HTML 12Page - EPCOS VRMS=300V Datasheet HTML 13Page - EPCOS VRMS=300V Datasheet HTML 14Page - EPCOS VRMS=300V Datasheet HTML 15Page - EPCOS VRMS=300V Datasheet HTML 16Page - EPCOS VRMS=300V Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
Dimensional drawings
Weight
Nominal diameter
mm
VRMS
V
Weight
g
5
11 ... 460
0.3 ... 0.7
7
11 ... 460
0.4 ... 1.1
10
11 ... 680
1.0 ... 3.0
14
11 ... 1000
1.4 ... 7.6
20
11 ... 1000
2.7 ... 15.7
The weight of varistors in between these voltage
classes can be interpolated.
Dimensions
Ordering code
[e]
±1
mm
a
±1
mm
wmax
mm
thmax
mm
hmax
mm
lmin
mm
d
±0.05
mm
VRMS = 11 V
B72205S0110K101
5.0
1.2
7.0
3.3
8.5
25.0
0.6
B72207S0110K101
5.0
1.2
9.0
3.4
11.0
25.0
0.6
B72210S0110K101
7.5
1.4
12.0
4.0
14.5
25.0
0.8
B72214S0110K101
7.5
1.4
15.5
4.0
18.5
25.0
0.8
B72220S0110K101
10.0
1.5
21.5
4.5
25.5
25.0
1.0
VRMS = 14 V
B72205S0140K101
5.0
1.3
7.0
3.4
8.5
25.0
0.6
B72207S0140K101
5.0
1.3
9.0
3.5
11.0
25.0
0.6
B72210S0140K101
7.5
1.5
12.0
4.2
14.5
25.0
0.8
B72214S0140K101
7.5
1.5
15.5
4.2
18.5
25.0
0.8
B72220S0140K101
10.0
1.6
21.5
4.6
25.5
25.0
1.0
VRMS = 17 V
B72205S0170K101
5.0
1.4
7.0
3.5
8.5
25.0
0.6
B72207S0170K101
5.0
1.4
9.0
3.6
11.0
25.0
0.6
B72210S0170K101
7.5
1.6
12.0
4.4
14.5
25.0
0.8
B72214S0170K101
7.5
1.7
15.5
4.4
18.5
25.0
0.8
B72220S0170K101
10.0
1.8
21.5
4.8
25.5
25.0
1.0
VRMS = 20 V
B72205S0200K101
5.0
1.2
7.0
3.5
8.5
25.0
0.6
B72207S0200K101
5.0
1.2
9.0
3.6
11.0
25.0
0.6
B72210S0200K101
7.5
1.8
12.0
4.5
14.5
25.0
0.8
B72214S0200K101
7.5
1.9
15.5
4.6
18.5
25.0
0.8
B72220S0200K101
10.0
2.1
21.5
5.1
25.5
25.0
1.0
Leaded varistors
B722*
StandarD series
Page 13 of 46
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com