Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRMS=300V Datasheet(PDF) 39 Page - EPCOS

Part # VRMS=300V
Description  SIOV metal oxide varistors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

VRMS=300V Datasheet(HTML) 39 Page - EPCOS

Back Button VRMS=300V Datasheet HTML 35Page - EPCOS VRMS=300V Datasheet HTML 36Page - EPCOS VRMS=300V Datasheet HTML 37Page - EPCOS VRMS=300V Datasheet HTML 38Page - EPCOS VRMS=300V Datasheet HTML 39Page - EPCOS VRMS=300V Datasheet HTML 40Page - EPCOS VRMS=300V Datasheet HTML 41Page - EPCOS VRMS=300V Datasheet HTML 42Page - EPCOS VRMS=300V Datasheet HTML 43Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
2.5
Reel dimension
Dimensions (in mm)
Reel type
d
f
n
w
I
360 max.
31
±1
approx. 45
54 max.
II
360 max.
31
±1
approx. 55
64 max.
III
500 max.
23
±1
approx. 59
72 max.
If reel type III is not compatible with insertion equipment because of its large diameter, nominal
disk diameter 10 mm and 14 mm can be supplied on reel II upon request (taping mode G3).
2.6
Ammo pack dimensions
Leaded varistors
B722*
StandarD series
Page 39 of 46
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com