Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFRC53001T/0FE Datasheet(PDF) 57 Page - NXP Semiconductors

Part # MFRC53001T/0FE
Description  ISO/IEC 14443 A Reader IC
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MFRC53001T/0FE Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button MFRC53001T/0FE Datasheet HTML 53Page - NXP Semiconductors MFRC53001T/0FE Datasheet HTML 54Page - NXP Semiconductors MFRC53001T/0FE Datasheet HTML 55Page - NXP Semiconductors MFRC53001T/0FE Datasheet HTML 56Page - NXP Semiconductors MFRC53001T/0FE Datasheet HTML 57Page - NXP Semiconductors MFRC53001T/0FE Datasheet HTML 58Page - NXP Semiconductors MFRC53001T/0FE Datasheet HTML 59Page - NXP Semiconductors MFRC53001T/0FE Datasheet HTML 60Page - NXP Semiconductors MFRC53001T/0FE Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 116 page
background image
MFRC530_33
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.3 — 6 July 2010
057433
57 of 115
NXP Semiconductors
MFRC530
ISO/IEC 14443 A Reader IC
10.5.3.5
CoderControl register
Sets the clock rate and the coding mode.
10.5.3.6
ModWidth register
Selects the pulse-modulation width.
Table 75.
CoderControl register (address: 14h) reset value: 0001 1001b, 19h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
00
CoderRate[2:0]
001
Access
R/W
R/W
R/W
Table 76.
CoderControl register bit descriptions
Bit
Symbol
Value
Description
7 to 6 00
-
these values must not be changed
6
0
-
this value must not be changed
5 to 3 CoderRate[2:0]
this register defines the clock rate for the encoder circuit
000
MIFARE 848 kBd
001
MIFARE 424 kBd
010
MIFARE 212 kBd
011
MIFARE 106 kBd; ISO/IEC 14443 A
100
reserved
101
reserved
110
reserved
111
reserved
2 to 0 001
-
these values must not be changed
Table 77.
ModWidth register (address: 15h) reset value: 0001 0011b, 13h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
ModWidth[7:0]
Access
R/W
Table 78.
ModWidth register bit descriptions
Bit
Symbol
Description
7 to 0
ModWidth[7:0]
defines the width of the modulation pulse based on
tmod =2⋅(ModWidth + 1) / fclk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com