Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFRC53001T/0FE Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MFRC53001T/0FE
Description  ISO/IEC 14443 A Reader IC
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MFRC53001T/0FE Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MFRC53001T/0FE Datasheet HTML 9Page - NXP Semiconductors MFRC53001T/0FE Datasheet HTML 10Page - NXP Semiconductors MFRC53001T/0FE Datasheet HTML 11Page - NXP Semiconductors MFRC53001T/0FE Datasheet HTML 12Page - NXP Semiconductors MFRC53001T/0FE Datasheet HTML 13Page - NXP Semiconductors MFRC53001T/0FE Datasheet HTML 14Page - NXP Semiconductors MFRC53001T/0FE Datasheet HTML 15Page - NXP Semiconductors MFRC53001T/0FE Datasheet HTML 16Page - NXP Semiconductors MFRC53001T/0FE Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 116 page
background image
MFRC530_33
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.3 — 6 July 2010
057433
13 of 115
NXP Semiconductors
MFRC530
ISO/IEC 14443 A Reader IC
9.2.1 Product information field (read only)
[1]
Byte 4 contains the current version number.
9.2.2 Register initialization files (read/write)
Register initialization from address 10h to address 2Fh is performed automatically during
the initializing phase (see Section 9.7.3 on page 27) using the StartUp register
initialization file.
In addition, the MFRC530 registers can be initialized using values from the register
initialization file when the LoadConfig command is executed (see Section 11.4.1 on
page 84).
Remark: The following points apply to initialization:
• the Page register (addressed using 10h, 18h, 20h, 28h) is skipped and not initialized.
• PreSetxx registers: do not change.
• all reserved register bits set to logic 0: do not change.
9.2.2.1
StartUp register initialization file (read/write)
The EEPROM memory block address 1 and 2 contents are used to automatically set the
register subaddresses 10h to 2Fh during the initialization phase. The default values stored
in the EEPROM during production are shown in Section 9.2.2.2 “Factory default StartUp
register initialization file”.
Table 12.
Product information field byte allocation
Byte
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Symbol
CRC
Internal
Product Serial Number
-
Product Type Identification
Access
R
R
R
R
R
Table 13.
Product information field byte description
Byte
Symbol
Access Value Description
15
CRC
R
-
the content of the product information field
is secured using a CRC byte which is
checked during start-up
14 to 12 Internal
R
-
three bytes for internal trimming parameters
11 to 8
Product Serial Number
R
-
a unique four byte serial number for the
device
7 to 5
reserved
R
-
4 to 0
Product Type
Identification
R
-
the MFRC530 is a member of a new family
of highly integrated reader ICs. Each
member of the product family has a unique
product type identification. The value of the
product type identification is shown in
Table 14.
Table 14.
Product type identification definition
Definition
Product type identification bytes
Byte
01
234[1]
Value
30h
88h
FEh
03h
XXh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com