Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDZ2.7B Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PDZ2.7B
Description  Voltage regulator diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDZ2.7B Datasheet(HTML) 4 Page - NXP Semiconductors

  PDZ2.7B Datasheet HTML 1Page - NXP Semiconductors PDZ2.7B Datasheet HTML 2Page - NXP Semiconductors PDZ2.7B Datasheet HTML 3Page - NXP Semiconductors PDZ2.7B Datasheet HTML 4Page - NXP Semiconductors PDZ2.7B Datasheet HTML 5Page - NXP Semiconductors PDZ2.7B Datasheet HTML 6Page - NXP Semiconductors PDZ2.7B Datasheet HTML 7Page - NXP Semiconductors PDZ2.7B Datasheet HTML 8Page - NXP Semiconductors PDZ2.7B Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2004 Mar 22
4
NXP Semiconductors
Product data sheet
Voltage regulator diodes
PDZ-B series
CHARACTERISTICS
Table 1
Total series
Tj = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
IF = 10 mA; see Fig.3
0.9
V
IF = 100 mA; see Fig.3
1.1
V
IR
reverse current
PDZ2.4B
VR = 1 V
50
μA
PDZ2.7B
VR = 1 V
20
μA
PDZ3.0B
VR = 1 V
10
μA
PDZ3.3B
VR = 1 V
5
μA
PDZ3.6B
VR = 1 V
5
μA
PDZ3.9B
VR = 1 V
3
μA
PDZ4.3B
VR = 1 V
3
μA
PDZ4.7B
VR = 1 V
2
μA
PDZ5.1B
VR = 1.5 V
2
μA
PDZ5.6B
VR = 2.5 V
1
μA
PDZ6.2B
VR = 3 V
500
nA
PDZ6.8B
VR = 3.5 V
500
nA
PDZ7.5B
VR = 4 V
500
nA
PDZ8.2B
VR = 5 V
500
nA
PDZ9.1B
VR = 6 V
500
nA
PDZ10B
VR = 7 V
100
nA
PDZ11B
VR = 8 V
100
nA
PDZ12B
VR = 9 V
100
nA
PDZ13B
VR = 10 V
100
nA
PDZ15B
VR = 11 V
50
nA
PDZ16B
VR = 12 V
50
nA
PDZ18B
VR = 13 V
50
nA
PDZ20B
VR = 15 V
50
nA
PDZ22B
VR = 17 V
50
nA
PDZ24B
VR = 19 V
50
nA
PDZ27B
VR = 21 V
50
nA
PDZ30B
VR = 23 V
50
nA
PDZ33B
VR = 25 V
50
nA
PDZ36B
VR = 27 V
50
nA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com