Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDZ2.7B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PDZ2.7B
Description  Voltage regulator diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDZ2.7B Datasheet(HTML) 2 Page - NXP Semiconductors

  PDZ2.7B Datasheet HTML 1Page - NXP Semiconductors PDZ2.7B Datasheet HTML 2Page - NXP Semiconductors PDZ2.7B Datasheet HTML 3Page - NXP Semiconductors PDZ2.7B Datasheet HTML 4Page - NXP Semiconductors PDZ2.7B Datasheet HTML 5Page - NXP Semiconductors PDZ2.7B Datasheet HTML 6Page - NXP Semiconductors PDZ2.7B Datasheet HTML 7Page - NXP Semiconductors PDZ2.7B Datasheet HTML 8Page - NXP Semiconductors PDZ2.7B Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2004 Mar 22
2
NXP Semiconductors
Product data sheet
Voltage regulator diodes
PDZ-B series
FEATURES
• Total power dissipation: max. 400 mW
• Small plastic package suitable for surface mounted
design
• Wide variety of voltage ranges: nominal 2.4 to 36 V
(E24 range)
• Tolerance approximately ±2%.
APPLICATIONS
• General voltage regulation.
DESCRIPTION
Low-power general purpose voltage regulator diodes in a
small plastic SMD SOD323 (SC-76) package.
PINNING
PIN
DESCRIPTION
1
cathode
2
anode
Fig.1
Simplified outline (SOD323; SC-76) and
symbol.
handbook, halfpage
;
;
12
Top view
MAM387
The marking bar indicates the cathode.
MARKING
ORDERING INFORMATION
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
PDZ2.4B
Z0
PDZ5.1B
Z8
PDZ11B
ZG
PDZ24B
ZQ
PDZ2.7B
Z1
PDZ5.6B
Z9
PDZ12B
ZH
PDZ27B
ZR
PDZ3.0B
Z2
PDZ6.2B
ZA
PDZ13B
ZJ
PDZ30B
ZS
PDZ3.3B
Z3
PDZ6.8B
ZB
PDZ15B
ZK
PDZ33B
ZT
PDZ3.6B
Z4
PDZ7.5B
ZC
PDZ16B
ZL
PDZ36B
ZU
PDZ3.9B
Z5
PDZ8.2B
ZD
PDZ18B
ZM
PDZ4.3B
Z6
PDZ9.1B
ZE
PDZ20B
ZN
PDZ4.7B
Z7
PDZ10B
ZF
PDZ22B
ZP
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PDZ2.4B to
PDZ36B
−
plastic surface mounted package; 2 leads
SOD323



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com