| Electronic Components Datasheet Search |
|
APR6016 Datasheet(PDF) 9 Page - Aplus Intergrated Circuits |
|
|
|||||||||||||||||||||||||||||
APR6016 Datasheet(HTML) 9 Page - Aplus Intergrated Circuits |
|
9 / 24 page ![]() Preliminary APR6016 Data Sheet Voice Recording & Playback Device Page 9 Revision 1.0 Reading the SID Each device in the APR60XX series family contains an embedded Silicon Identification (SID). The SID can be read by the host processor to identify which family / family member is being used. Reading the device SID requires issuing two OpCode commands; a SID command followed by any other command, usually a NOP command. The device will clock the SID data out on the DO pin as the command that follows the SID command is clocked in. Figure 9 is a diagram that describes the process necessary for reading SID information. Figure 9 SID Timing The SID information follows the format given in Figure 10. The first bit shifted out, D0, is the Overflow bit. The Overflow bit is set to a binary 1 if an attempt was made to record beyond the available memory. The Overflow bit is set to a 0 if an overflow has not occurred. This bit is cleared after it has been read. The D1 bit is the End Of Data (EOD) bit. The EOD bit is set when the device stops playing or fast forwarding as a result of EOD bit in memory. The EOD bit is cleared after it has been read. The D2 bit is the Illegal Address Bit. The Ille- gal Address Bit is set whenever an illegal address is sent to the device. The D3 bit is the Lbat bit. This bit is set when the device senses a supply voltage below specification. The fol- lowing five bits represent the product family. The APR60XX product family code is binary 01000 as shown in Figure 10. The next four bits represent the device code. The APR6016 device code is binary 0010 as shown in Figure 10 The last seven bits are random data and should be ignored. Figure 10 SID Bit Stream S ID Com m and Next Com m and /C S SCLK DI C D S O utput D ata S ID O utpu t D ata DO Lbat OVF EOD Illegal Address D0 D1 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 D13 D14 D2 Product Family 00 0 1 0 ~ ~ D19 0 1 00 Device Code APR60XX Series Family (Binary) APR6016 Device Code (Binary) Ignore These Bits First bit shifted out Last bit shifted out |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |