Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APR6016 Datasheet(PDF) 11 Page - Aplus Intergrated Circuits

Part # APR6016
Description  Voice Recording & Playback Device 16 Minute Duration
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR6016 Datasheet(HTML) 11 Page - Aplus Intergrated Circuits

Back Button APR6016 Datasheet HTML 7Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 8Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 9Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 10Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 11Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 12Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 13Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 14Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 15Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Preliminary
APR6016 Data Sheet
Voice Recording & Playback Device
Page 11
Revision 1.0
Reading Digital Data
Digital data is read from the device using the DIG_READ
command. To read data you must send a DIG_READ com-
mand immediately followed by 3012 don’t care bits during the
same /CS cycle. The data previously stored in the specified
sector will begin to appear on the DO pin after the current
device status or SID and four buffer bits. The next 3004 bits
are the previously stored data. The first bit shifted out is the
first bit that was written. The last bit shifted out is the last bit
that was written. There are four random don’t care bits follow-
ing the 3004 bits of user data.
An incomplete read of the sector is allowed. An incomplete
read is defined a a read with less than 3032 clock cycles. All
incomplete read cycles require one extra SCLK cycle after
the /CS signal returns high.
Figure 12 shows a timing diagram which describes the entire
process for a complete sector read. All timing with the excep-
tion of TpSCLK should adhere to the specifications given in
Figure 4 and Figure 7. The TpSCLK specification is replaced
by the DTpSCLK when reading digital data. The /BUSY pin
indicates when a DIG_READ is taking place.
Figure 12 Reading Digital Data
/C S
SCLK
DI
DO
DIG_READ COMMAND
3012 don’t Care Bits
Total 3032 clock cycles
SID or CDS
3004 bits of previously stored data
XX
X
X
XX
X
X
/BUSY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com