Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1008HQ-R10XL Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 1008HQ-R10XL
Description  Highest Q factors of any Coilcraft chip this body size, roughly 20% higher than our popular 1008CS and HS parts.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1008HQ-R10XL Datasheet(HTML) 1 Page - Coilcraft lnc.

  1008HQ-R10XL Datasheet HTML 1Page - Coilcraft lnc. 1008HQ-R10XL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical of high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
Chip Inductors– 1008HQ (2520)
Document 190-1
Inductance3
Percent
SRF min6
DCR max7
Irms8
Part number1
(nH)
tolerance4
Q min5
(GHz)
(Ohms)
(A)
1008HQ-3N0X_L_2
3.0 @ 50 MHz
5
70 @ 1500 MHz
8.10
0.04
1.6
1008HQ-4N1X_L_
4.1 @ 50 MHz
5
75 @ 1500 MHz
6.20
0.05
1.6
1008HQ-7N8X_L_2
7.8 @ 50 MHz
5
75 @ 500 MHz
3.80
0.05
1.6
1008HQ-10NX_L_
10 @ 50 MHz
5,2
60 @ 500 MHz
3.60
0.06
1.6
1008HQ-12NX_L_
12 @ 50 MHz
5,2
70 @ 500 MHz
2.80
0.06
1.5
1008HQ-18NX_L_
18 @ 50 MHz
5,2,1
62 @ 350 MHz
2.70
0.07
1.4
1008HQ-22NX_L_
22 @ 50 MHz
5,2
62 @ 350 MHz
2.05
0.07
1.4
1008HQ-33NX_L_
33 @ 50 MHz
5,2
75 @ 350 MHz
1.70
0.09
1.3
1008HQ-36NX_L_
36 @ 50 MHz
5,2
65 @ 350 MHz
1.40
0.09
1.3
1008HQ-39NX_L_
39 @ 50 MHz
5,2
75 @ 350 MHz
1.30
0.09
1.3
1008HQ-47NX_L_
47 @ 50 MHz
5,2,1
75 @ 350 MHz
1.45
0.12
1.2
1008HQ-56NX_L_
56 @ 50 MHz
5,2,1
75 @ 350 MHz
1.23
0.12
1.2
1008HQ-68NX_L_
68 @ 50 MHz
5,2,1
80 @ 350 MHz
1.15
0.13
1.1
1008HQ-82NX_L_
82 @ 50 MHz
5,2
80 @ 350 MHz
1.06
0.16
1.1
1008HQ-R10X_L_
100 @ 50 MHz
5,2
62 @ 350 MHz
0.82
0.16
1.0
1. When ordering, specify
tolerance, termination and packaging codes:
1008HQ-R10XGLC
Tolerance:
F = 1% G = 2% J = 5%
(Table shows stock tolerances in bold.)
Termination: L = RoHS compliant silver-palladium-platinum-glass frit.
Special order:
T = RoHS tin-silver-copper
(95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging:
C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (2000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape Factory order only, not stocked (7500 parts
per full reel).
2. Part is wound on low profile coilform.
3. Inductance measured using a Coilcraft SMD-A fixture in an Agilent/
HP 4286A impedance analyzer with Coilcraft-provided correlation
pieces.
4. Tolerances in bold are stocked for immediate shipment.
5. Q measured using an Agilent/HP 4291A with an Agilent/HP 16193 test
fixture.
6. For SRF less than 6 GHz, measured using an Agilent/HP 8753D network
analyzer and a Coilcraft SMD-D test fixture. For SRF greater than
6 GHz, measured using an Agilent/HP 8722ES network analyzer and a
Coilcraft SMD-D test fixture.
7. DCR measured on a Cambridge Technology micro-ohmmeter and a
Coilcraft CCF840 test fixture.
8. Current that causes a 15°C temperature rise from 25°C ambient.
9. Electrical specifications at 25°C.
For part marking data, visit http://www.coilcraft.com/colrcode.cfm.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Coilcraft
Designer’s Kit C323 contains samples of all
5% inductance tolerance parts. Kits with 2% tolerance
are also available.To order, contact Coilcraft or purchase
on-line at
http://order.coilcraft.com.
Core material Ceramic
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 32.4 – 35.7 mg; 17.1 – 17.7 mg (Low profile parts)
Ambient temperature –40°C to +125°C with Irms current, +125°C
to +140°C with derated current
Storage temperature Component: –40°C to +140°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +125 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 2000/7
″reel; 7500/13″ reel
Standard height parts: Plastic tape: 8 mm wide, 0.23 mm thick,
4 mm pocket spacing, 1.8 mm pocket depth
Low profile parts: Plastic tape: 8 mm wide, 0.3 mm thick,
4 mm pocket spacing, 1.6 mm pocket depth
PCB washing Only pure water or alcohol recommended
• HighestQfactorsofanyCoilcraftchipthisbodysize,roughly
20% higher than our popular 1008CS and HS parts.
• ExceptionalSRFs,tighttoleranceandbatchconsistency
Document 190-1 Revised 01/18/12


Similar Part No. - 1008HQ-R10XL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008HQ-R10XFLB COILCRAFT-1008HQ-R10XFLB Datasheet
93Kb / 2P
Chip Inductors - 1008HQ (2520)
1008HQ-R10XFLC COILCRAFT-1008HQ-R10XFLC Datasheet
93Kb / 2P
Chip Inductors - 1008HQ (2520)
1008HQ-R10XFLD COILCRAFT-1008HQ-R10XFLD Datasheet
93Kb / 2P
Chip Inductors - 1008HQ (2520)
1008HQ-R10XGLD COILCRAFT-1008HQ-R10XGLD Datasheet
93Kb / 2P
Chip Inductors - 1008HQ (2520)
1008HQ-R10XJLD COILCRAFT-1008HQ-R10XJLD Datasheet
127Kb / 2P
Chip Inductors - 1008HQ (2520)
More results

Similar Description - 1008HQ-R10XL

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT86LCSMX ACT-ACT86LCSMX Datasheet
151Kb / 2P
a low cost version of our popular the Surface Mount,
31/08/07
logo
Coilcraft lnc.
0402HL COILCRAFT-0402HL Datasheet
301Kb / 2P
Higher inductance values than other 0402 ceramic chip inductors
0302CS-10NXJLU COILCRAFT-0302CS-10NXJLU Datasheet
149Kb / 2P
20% smaller than our 0402CS inductors
0603HP COILCRAFT-0603HP_12 Datasheet
150Kb / 2P
Higher Q and lower DCR than other 0603 inductors, Highest SRF values ??as high as 16 GHz
1008PS COILCRAFT-1008PS_12 Datasheet
250Kb / 2P
Higher SRF than our other power inductors, High inductance with tight tolerance
1812LS COILCRAFT-1812LS_12 Datasheet
177Kb / 2P
Highest inductance values of all our chip inductors, Ferrite construction for high current handling
1008CS-151XKLB COILCRAFT-1008CS-151XKLB Datasheet
104Kb / 2P
Chip Inductors ??1008CS Series
logo
TOKYO SEIMITSU CO., LTD
RONDCOM-73A ACCRETECH-RONDCOM-73A Datasheet
579Kb / 2P
World standard instrument of highest-in-class accuracy applicable to downsized parts
logo
Murata Manufacturing Co...
935153634522-XXT MURATA1-935153634522-XXT Datasheet
177Kb / 2P
Ultra large band performance higher than 26GHz
Last updated06/17/2022
935153837522-XXT MURATA1-935153837522-XXT Datasheet
177Kb / 2P
Ultra large band performance higher than 26GHz
Last updated06/17/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com