Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GCM033R71E331KA03 Datasheet(PDF) 13 Page - Murata Manufacturing Co., Ltd.

Part # GCM033R71E331KA03
Description  Chip Monolithic Ceramic Capacitors for Automotive
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCM033R71E331KA03 Datasheet(HTML) 13 Page - Murata Manufacturing Co., Ltd.

Back Button GCM033R71E331KA03 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GCM033R71E331KA03 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GCM033R71E331KA03 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GCM033R71E331KA03 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. GCM033R71E331KA03 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. GCM033R71E331KA03 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. GCM033R71E331KA03 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. GCM033R71E331KA03 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. GCM033R71E331KA03 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p26
p27
p27 p27
p27
p27
p27
p27
p27
p27
3.2×1.6
L×W (mm)
1.35
T max. (mm)
Rated Voltage (Vdc)
25
X7R
16
X7R
1.8
1000
X7R
630
X7R
250
X7R
1.9
50
X7R
25
X7R
16
X7R
10
X7R
6.3
X7R
3.2×2.5
1.5
630
X7R
250
X7R
2.0
1000
X7R
630
X7R
250
X7R
2.3
100
X7R
2.8
50
X7R
25
X7R
4.5×3.2
1.5
630
X7R
250
X7R
2.0
1000
X7R
630
X7R
250
X7R
5.7×5.0
2.0
1000
X7R
630
X7R
250
X7R Cap. / TC Code
220pF
270pF
330pF
390pF
470pF
560pF
680pF
820pF
1000pF
1200pF
1500pF
1800pF
2200pF
2700pF
3300pF
3900pF
4700pF
5600pF
6800pF
8200pF
10000pF
12000pF
15000pF
18000pF
22000pF
27000pF
33000pF
39000pF
47000pF
56000pF
68000pF
82000pF
0.10μF
0.12μF
0.15μF
0.18μF
0.22μF
0.27μF
0.33μF
0.39μF
0.47μF
0.56μF
0.68μF
0.82μF
1.0μF
1.5μF
2.2μF
3.3μF
4.7μF
6.8μF
10μF
22μF
(
→ c GCJ Series High Dielectric Constant Type)
p00
← Part Number List
X7R
EIA:
Capacitance Table p00 Each number in the Part Number List refers to the page number printed at the bottom of the page.
C03E.pdf
May.17,2013
11
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com