Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GCM033R71E331KA03 Datasheet(PDF) 39 Page - Murata Manufacturing Co., Ltd.

Part # GCM033R71E331KA03
Description  Chip Monolithic Ceramic Capacitors for Automotive
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCM033R71E331KA03 Datasheet(HTML) 39 Page - Murata Manufacturing Co., Ltd.

Back Button GCM033R71E331KA03 Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. GCM033R71E331KA03 Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. GCM033R71E331KA03 Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. GCM033R71E331KA03 Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. GCM033R71E331KA03 Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. GCM033R71E331KA03 Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. GCM033R71E331KA03 Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. GCM033R71E331KA03 Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. GCM033R71E331KA03 Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
Part number # indicates the package specification code.
GC3 Series High Dielectric Constant Type AEC-
Q200
Anti-
noise
Part Number List
c 2.0×1.25mm
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
1.0mm
250Vdc
X7T
10000pF
±10%
GC321AD72E103KX01D
15000pF
±10%
GC321AD72E153KX01D
1.45mm
250Vdc
X7T
22000pF
±10%
GC321BD72E223KX03L
c 3.2×1.6mm
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
1.0mm
450Vdc
X7T
10000pF
±10%
GC331AD72W103KX01D
15000pF
±10%
GC331AD72W153KX01D
250Vdc
X7T
33000pF
±10%
GC331AD72E333KX01D
1.25mm
630Vdc
X7T
10000pF
±10%
GC331BD72J103KX01L
450Vdc
X7T
22000pF
±10%
GC331BD72W223KX01L
33000pF
±10%
GC331BD72W333KX01L
250Vdc
X7T
47000pF
±10%
GC331BD72E473KX01L
1.8mm
630Vdc
X7T
15000pF
±10%
GC331CD72J153KX03L
450Vdc
X7T
47000pF
±10%
GC331CD72W473KX03L
250Vdc
X7T
68000pF
±10%
GC331CD72E683KX03L
c 3.2×2.5mm
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
1.5mm
630Vdc
X7T
22000pF
±10%
GC332QD72J223KX01L
250Vdc
X7T
0.10µF
±10%
GC332QD72E104KX01L
2.0mm
630Vdc
X7T
33000pF
±10%
GC332DD72J333KX01L
47000pF
±10%
GC332DD72J473KX01L
450Vdc
X7T
68000pF
±10%
GC332DD72W683KX01L
0.10µF
±10%
GC332DD72W104KX01L
250Vdc
X7T
0.15µF
±10%
GC332DD72E154KX01L
c 4.5×3.2mm
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
1.5mm
250Vdc
X7T
0.22µF
±10%
GC343QD72E224KX01L
2.0mm
630Vdc
X7T
68000pF
±10%
GC343DD72J683KX01L
450Vdc
X7T
0.15µF
±10%
GC343DD72W154KX01L
250Vdc
X7T
0.33µF
±10%
GC343DD72E334KX01L
c 5.7×5.0mm
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
2.0mm
630Vdc
X7T
0.10µF
±10%
GC355DD72J104KX01L
0.15µF
±10%
GC355DD72J154KX01L
450Vdc
X7T
0.22µF
±10%
GC355DD72W224KX01L
0.33µF
±10%
GC355DD72W334KX01L
0.47µF
±10%
GC355DD72W474KX01L
250Vdc
X7T
0.47µF
±10%
GC355DD72E474KX01L
0.68µF
±10%
GC355DD72E684KX01L
2.7mm
630Vdc
X7T
0.22µF
±10%
GC355XD72J224KX05L
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
2.7mm
630Vdc
X7T
0.27µF
±10%
GC355XD72J274KX05L
450Vdc
X7T
0.56µF
±10%
GC355XD72W564KX05L
250Vdc
X7T
1.0µF
±10%
GC355XD72E105KX05L
C03E.pdf
May.17,2013
37
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com