Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16IS752 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SC16IS752
Description  Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS752 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SC16IS752 Datasheet HTML 9Page - NXP Semiconductors SC16IS752 Datasheet HTML 10Page - NXP Semiconductors SC16IS752 Datasheet HTML 11Page - NXP Semiconductors SC16IS752 Datasheet HTML 12Page - NXP Semiconductors SC16IS752 Datasheet HTML 13Page - NXP Semiconductors SC16IS752 Datasheet HTML 14Page - NXP Semiconductors SC16IS752 Datasheet HTML 15Page - NXP Semiconductors SC16IS752 Datasheet HTML 16Page - NXP Semiconductors SC16IS752 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
SC16IS752_SC16IS762
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 9 — 22 March 2012
13 of 60
NXP Semiconductors
SC16IS752; SC16IS762
Dual UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
7.4 Hardware Reset, Power-On Reset (POR) and Software Reset
These three reset methods are identical and will reset the internal registers as indicated in
Table 4.
Table 4 summarizes the state of register after reset.
Remark: Registers DLL, DLH, SPR, XON1, XON2, XOFF1, XOFF2 are not reset by the
top-level reset signal RESET, POR and Software Reset, that is, they hold their
initialization values during reset.
Table 5 summarizes the state of output signals after reset.
Table 4.
Register reset
Register
Reset state
Interrupt Enable Register
all bits cleared
Interrupt Identification Register
bit 0 is set; all other bits cleared
FIFO Control Register
all bits cleared
Line Control Register
reset to 0001 1101 (0x1D)
Modem Control Register
all bits cleared
Line Status Register
bit 5 and bit 6 set; all other bits cleared
Modem Status Register
bits 3:0 cleared; bits 7:4 input signals
Enhanced Features Register
all bits cleared
Receive Holding Register
pointer logic cleared
Transmit Holding Register
pointer logic cleared
Transmission Control Register
all bits cleared
Trigger Level Register
all bits cleared
Transmit FIFO level
reset to 0100 0000 (0x40)
Receive FIFO level
all bits cleared
I/O direction
all bits cleared
I/O interrupt enable
all bits cleared
I/O control
all bits cleared
Extra Features Control Register
all bits cleared
Table 5.
Output signals after reset
Signal
Reset state
TX
HIGH
RTS
HIGH
I/Os
inputs
IRQ
HIGH by external pull-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com