Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPAKPD Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # DPAKPD
Description  DPAK Case
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

DPAKPD Datasheet(HTML) 2 Page - Central Semiconductor Corp

  DPAKPD Datasheet HTML 1Page - Central Semiconductor Corp DPAKPD Datasheet HTML 2Page - Central Semiconductor Corp DPAKPD Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.centr a lsemi.com
R0 (7-January 2013)
Package Details
DPAK Case
Tape Dimensions and Orientation (Dimensions in mm)
Tape Width: 16mm
Devices are taped in
accordance with
Electronic Industries
Association Standard
EIA-481-D
Direction of Unreeling
Reel Labeling Information
Each reel is labeled with the following information:
Central Part Number, Customer Part Number, Purchase Order Number,
Quantity, Lot Number, Date Code and Ship Date.
Ordering Information
• For devices taped and reeled on 13” reels, add TR13 suffix to part number.
• All SMDs are available in small quantities for prototype and manual placement applications.
Packaging Base
13” Reel
=
2,500 pcs.
Reel Packing Information
Reel
Size
Reels per
Box
(Maximum)
Parts per
Box
(Maximum)
Box Dimensions
Shipping Weight (Max.)
INCH
CM
LB
KG
13”
4
9
18
10,000
22,500
45,000
15x4x15
15x15x9
15x15x18
38x10x38
38x38x23
38x38x46
14
29
57
7
14
26



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com