Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPAKPD Datasheet(PDF) 3 Page - Central Semiconductor Corp

Part # DPAKPD
Description  DPAK Case
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

DPAKPD Datasheet(HTML) 3 Page - Central Semiconductor Corp

  DPAKPD Datasheet HTML 1Page - Central Semiconductor Corp DPAKPD Datasheet HTML 2Page - Central Semiconductor Corp DPAKPD Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Material Composition Specification
DPAK Case
Device average mass . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 297 mg
Fluctuation margin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +/-10%
www.centr a lsemi.com
R3 (25-February 2013)
Component
Material
Material
Substance
CAS No.
Substance
(%wt)
(mg)
(%wt)
(mg)
(ppm)
active device
doped Si
0.75%
2.2
Si
7440-21-3
0.74%
2.2
7,407
bond wire
aluminum
1.55%
4.6
Al
7429-90-5
1.55%
4.6
15,488
leadframe
Cu alloy
52.53%
156
Cu
7440-50-8
52.46%
155.8
524,579
Fe
7439-89-6
0.07%
0.2
673
die attach
high temperature
solder paste
4.04%
12
Pb
7439-92-1
3.74%
11.1
37,374
Sn
7440-31-5
0.2%
0.6
2,020
Ag
7440-22-4
0.1%
0.3
1,010
encapsulation*
EMC
38.25%
113.6
silica
7631-86-9
26.01%
77.26
260,135
epoxy resin
29690-82-2
7.65%
22.73
76,532
phenol resin
9003-35-4
3.82%
11.35
38,215
Sb2O3
1309-64-4
0.38%
1.13
3,805
Br
7726-95-6
0.38%
1.13
3,805
EMC GREEN
38.25%
113.6
silica (fused) 60676-86-0
29.44%
87.43
294,377
epoxy resin
29690-82-2
3.82%
11.36
38,249
phenol resin
9003-35-4
3.71%
11.02
37,104
carbon black
1333-86-4
0.11%
0.34
1,145
metal
hydroxide
1309-42-8
1.16%
3.45
11,616
plating**
tin/lead process
2.9%
8.6
Sn
7440-31-5
2.6%
7.74
26,061
Pb
7439-92-1
0.29%
0.86
2,896
matte tin
2.9%
8.6
Sn
7440-31-5
2.90%
8.60
28,956
*EMC GREEN molding compound is Halogen-Free.
**For Lead Free plating, add suffix “LEAD FREE” to part number.
For Tin/Lead plating, add suffix “TIN/LEAD” to part number.
No suffix designation allows for the supply of either lead-free or tin/lead plated product depending on availability.
Disclaimer
The information provided in this Material Composition data sheet is, to the best of our knowledge, correct. However, there is no
guarantee to completeness or accuracy, as some information is derived from data sources outside the company.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com