Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV1832D Datasheet(PDF) 4 Page - Aplus Intergrated Circuits

Part # AV1832D
Description  single-chip voice synthesizing CMOS IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AV1832D Datasheet(HTML) 4 Page - Aplus Intergrated Circuits

  AV1832D Datasheet HTML 1Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 2Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 3Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 4Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 5Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 6Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 7Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 8Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AVxx32A Series
Rev 1.0
2003/02/12
4
※
If both STS1(STS3) and STS2(STS4) are in 6Hz or 3Hz mode, they will flash alternatively.
※
For STS1 and STS3 options, the DYBZL must selected same level.
※
For STS2 and STS4 options, the DYNAMIC must selected same level.
※
STS4 was enabled only when the MODE/STS4 is in STS4 option.
※
For each voice_step, the STS1, STS2, STS3, STS4 can be mask_selected as active or inactive.
※
If select flash at mute of STS1(STS3), can select 3Hz or 1.5Hz or 0.75Hz.
※
If select flash at mute of STS2(STS4), can select 3Hz or 1.5Hz or 0.75Hz.
※
If both select off at mute of STS1(STS2,STS3,STS4) or on at mute of STS2(STS4), can only select
3Hz or 1.5Hz or 0.75Hz at the same level.
(9). Oscillator selection:
(A). External oscillator: Connect OSC pin to Vdd with a resister, Rosc.
(B). Internal oscillator: Connect OSC pin to GND.
(C). There are 8 playback speeds for options whether selecting external or internal oscillator.
※
When external Rosc is 180k ohms at 3V, there are 8 kinds of playback speed as in item (4). If you
change the value of Rosc, the 8 kinds of playback speed will be changed accordingly and equally.
Therefore, you can change the Rosc to change the range of 8 playback_speeds.
3. BLOCK DIAGRAM:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com