Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV1832D Datasheet(PDF) 6 Page - Aplus Intergrated Circuits

Part # AV1832D
Description  single-chip voice synthesizing CMOS IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AV1832D Datasheet(HTML) 6 Page - Aplus Intergrated Circuits

Back Button AV1832D Datasheet HTML 2Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 3Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 4Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 5Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 6Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 7Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 8Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 9Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 10Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AVxx32A Series
Rev 1.0
2003/02/12
6
(6). A8或M16可由光罩選擇設定為㆒般觸發(Normal),順序觸發(Sequential) 或 串列式CPU觸發。
□ ㆒般觸發
(Normal):A8或M16的觸發如第5項所示。
□ 順序觸發功能
(Sequential):可選擇是否配合MODE輸入使用。
(A). 當A8或M16設定為單鍵觸發,而且結合MODE輸入使用:
MODE=0:㆒經觸發將由第1語音組 (subtable 1) 至設定之語音組 (subtable n ; n=1~16 ),每次觸
發播放㆒語音組且按順序循環播放。
MODE=1:㆒經觸發將由第17語音組 (subtable 17) 至設定之語音組 (subtable n ; n=17~32 ),每
次觸發播放㆒語音組且按順序循環播放。
循環播放之語音組數在
MODE=0 與 MODE=1 須相同,且語音組數需小於16組。
(B).當A8或M16設定為單鍵輸入,但不配合MODE輸入控制使用:
㆒經觸發將由第
1組 (subtable 1) 至設定之語音組 (subtable n ; n=1~32 ),每次觸發播放㆒語音組
且按順序循環播放。
順序觸發
(A8或M16) 開始動作後,若有其它輸入觸發(A1~A7 / M1~M15),則可經光罩選擇將順序觸發
定義為『可重置或不可重置』。
◎ 可重置
(RESET):若有其它輸入觸發,順序觸發功能的循環將被重置回第1語音組。
◎ 不可重置
(UNRESET):順序觸發功能的循環不受其他鍵觸發影響。
(7). STS1/Cout,STS2/PWM1,STS3/PWM2,MODE/STS4 可作以㆘選擇:( 光罩選擇 )
□
STS1/Cout:可選擇為Cout或STS1狀態輸出。
□
STS2/PWM1:可選擇為PWM1或STS2狀態輸出。
□
STS3/PWM2:可選擇為 PWM2或STS3狀態輸出。
□
MODE/STS4:可選擇為 MODE控制輸入或STS4狀態輸出。
Cout 有3種電流輸出: 1> 1.5mA ; 2> 3mA ; 3>4.5mA ( Vdd=3V,full scale )。
PWM1,PWM2須同時選擇,可直接驅動 buzzer 或 8、16、32、64 ohms speaker。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com