Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0502 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 0502
Description  Rotary Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

0502 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  0502 Datasheet HTML 1Page - Bourns Electronic Solutions 0502 Datasheet HTML 2Page - Bourns Electronic Solutions 0502 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
0502 - Rotary Potentiometer
Features
■
Diecast housing (bushing) and shaft
■
Additional models and versions available; special data sheets can be requested
■
Carbon resistive element
Characteristics
Mechanical Angle....................270 ° ±5 °
Starting Torque ................0.5 to 1.5 Ncm
End Stop Strength .............60 Ncm max.
Shaft Push-Pull Force...........100 N max.
Resistance Range
...................100 ohms to 4.7 megohms
Resistance Taper...........................Linear
Power Rating .................................0.2 W
Temperature Range ......-25 °C to +70 °C
Rotational Life ...................10,000 cycles
Product Dimensions
DIMENSIONS ARE:
MM
(INCHES)
Resistance
Resistance
(Ohms)
Code
100
101
220
221
470
471
500
501
1,000
102
2,200
222
4,700
472
5,000
502
10,000
103
22,000
223
47,000
473
50,000
503
100,000
104
220,000
224
470,000
474
500,000
504
1,000,000
105
Standard Resistance Table
Asia-Pacific:
Tel: +886-2 2562-4117
Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555
Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500
Fax: +1-951 781-5700
www.bourns.com
Sensors & Controls
11.0
(.433)
16.0
(.630)
2.0
(.079)
SW 10
10.3
(.406)
OUTER DIA.
0.5
(.020)
SCREW NUTS
AND WASHER
SUPPLIED LOOSE
7.2
(.283)
INNER DIA.
0.8
(.031)
M7x0.75
0.3
(.012)
x 45 °
2.0
(.079)
1.2
(.047)
2.5 +0/-0.2
(.098 +0/-.008)
2.0
(.079)
4.0 +0/-0.03
(.157 +0/-.001)
DIA.
20.0
(.787)
21.6
(.850)
ca.
B
50 ± 0.5
(1.969 ± .020)
1
2
3
8.7 ± 0.3
(.343 ± .012)
B
5.0 ± 0.1
(.197 ± .004)
8.0 ± 0.1
(.315 ± .004)
12.0 ± 0.1
(.472 ± .004)
0502-000
1
3 CW
CLOCKWISE
CCW
2 WIPER
14.0
(.551)
16.0
(.630)
2.0
(.079)
1.2
(.047)
2.5 +0/-0.2
(.098 +0/-.008)
20.0
(.787)
21.6
(.850)
ca.
1
2
3
0.8
(.031)
M10x0.75
0.5
(.020)
x 45 °
2.0
(.079)
6.0
(.236)
DIA.
B
50 ± 0.5
(1.969 ± .020)
8.7 ± 0.3
(.343 ± .012)
SW 14
2.5
(.098)
SCREW NUTS
AND WASHER
SUPPLIED LOOSE
0.5
(.020)
15.5
(.610)
OUTER DIA.
10.3
(.406)
INNER DIA.
B
5.0 ± 0.1
(.197 ± .004)
8.0 ± 0.1
(.315 ± .004)
12.0 ± 0.1
(.472 ± .004)
0502-050
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.


Similar Part No. - 0502

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
0502-000131 TOSHIBA-0502-000131 Datasheet
5Mb / 70P
COLOUR TELEVISION
0502-000153 TOSHIBA-0502-000153 Datasheet
5Mb / 70P
COLOUR TELEVISION
0502-000244 TOSHIBA-0502-000244 Datasheet
5Mb / 70P
COLOUR TELEVISION
0502-001007 TOSHIBA-0502-001007 Datasheet
5Mb / 70P
COLOUR TELEVISION
0502-001175 TOSHIBA-0502-001175 Datasheet
5Mb / 70P
COLOUR TELEVISION
More results

Similar Description - 0502

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
R09A11H21 PRODUCTWELL-R09A11H21_14 Datasheet
334Kb / 2P
ROTARY POTENTIOMETER
R10A1MH01 PRODUCTWELL-R10A1MH01_14 Datasheet
250Kb / 2P
ROTARY POTENTIOMETER
R10A12V01 PRODUCTWELL-R10A12V01_14 Datasheet
270Kb / 2P
ROTARY POTENTIOMETER
R12A11V01 PRODUCTWELL-R12A11V01_14 Datasheet
297Kb / 2P
ROTARY POTENTIOMETER
R12712BS1 PRODUCTWELL-R12712BS1_14 Datasheet
1Mb / 1P
ROTARY POTENTIOMETER
R12723BS1 PRODUCTWELL-R12723BS1_14 Datasheet
1Mb / 1P
ROTARY POTENTIOMETER
R12723CS1 PRODUCTWELL-R12723CS1_14 Datasheet
1Mb / 1P
ROTARY POTENTIOMETER
R16311DB1 PRODUCTWELL-R16311DB1_14 Datasheet
128Kb / 2P
ROTARY POTENTIOMETER
R16311EB1 PRODUCTWELL-R16311EB1_14 Datasheet
125Kb / 2P
ROTARY POTENTIOMETER
R16312DB2 PRODUCTWELL-R16312DB2_14 Datasheet
128Kb / 2P
ROTARY POTENTIOMETER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com