Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0502 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 0502
Description  Rotary Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

0502 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  0502 Datasheet HTML 1Page - Bourns Electronic Solutions 0502 Datasheet HTML 2Page - Bourns Electronic Solutions 0502 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
0502 - Rotary Potentiometer
Product Dimensions
DIMENSIONS ARE:
MM
(INCHES)
11.0
(.433)
16.0
(.630)
2.5 +0/-0.2
(.098 +0/-.008)
1.1 +0/-0.1
(.043 +0/-.004)
12.0
(.472)
20.0
(.787)
1
2
3
0502-900
14.0
(.551)
16.0
(.630)
2.5 +0/-0.2
(.098 +0/-.008)
1.1 +0/-0.1
(.043 +0/-.004)
12.0
(.472)
20.0
(.787)
1
2
3
4.5
(.177)
0.8
(.031)
M10X0.75
0.5
(.020)
X 45 °
6.0
(.236)
DIA.
B
8.7 ± 0.3
(.343 ± .012)
2.0
(.079)
50 ± 0.5
(1.969 ± .020)
2.5
(.098)
SW 14
15.5
(.610)
OUTER DIA.
0.5
(.020)
SCREW NUTS
AND WASHER
SUPPLIED LOOSE
10.3
(.406)
INNER DIA.
10.0
(.394)
2.6 +0.1/-0
(.102 +.004/-0)
1.3 +0.1/-0
(.051 +.004/-0)
7.2
(.283)
10.0
(.394)
10.1 +0.1/-0
(.398 +.004/-0)
1
2
3
B
5.0 ± 0.1
(.197 ± .004)
8.0 ± 0.1
(.315 ± .004)
12.0 ± 0.1
(.472 ± .004)
0502-950
10.0
(.394)
2.6 +0.1/-0
(.102 +.004/-0)
1.3 + 0.1
(.051 + .004)
5.7
(.224)
10.0
(.394)
7.1 +0.1/-0
(.280 +.004/-0)
1
2
3
2.0
(.079)
SW 10
10.3
(.406)
OUTER DIA.
0.5
(.020)
7.2
(.283)
INNER DIA.
4.5
(.177)
0.8
(.031)
M7X0.75
0.3
(.012)
X 45 °
4.0
(.157)
DIA.
B
8.7 ± 0.3
(.343 ± .012)
2.0
(.079)
50 ± 0.5
(1.969 ± .020)
B
5.0 ± 0.1
(.197 ± .004)
8.0 ± 0.1
(.315 ± .004)
12.0 ± 0.1
(.472 ± .004)
SCREW NUTS
AND WASHER
SUPPLIED LOOSE
How to Order
0502 - 000 U 185 - A B 103
Model Type
• 0502
Terminal Style
Only Available w/
Bushing Code:
• 000
G,H,U
• 050
K,M,N
• 300
G,H,U
• 600
G,H,U
• 900
G,H,U
• 950
K,M,N
Bushing & Shaft Type
U = 7 mmD x 8 mmL,
Shaft 4 mmD
H = 7 mmD x 5 mmL,
Shaft 4 mmD
G = 7 mmD x 12 mmL,
Shaft 4 mmD
K = 10 mmD x 8 mmL,
Shaft 6 mmD
M = 10 mmD x 5 mmL,
Shaft 6 mmD
N = 10 mmD x 12 mmL,
Shaft 6 mmD
Shaft Length
• 500 = 50 mm
Other lengths avail. upon request.
Independent Linearity
A = ±5 %
B = ±4 %
C = ±3 %
D = ±2.5 %
E = ±2 %
Element Taper
B = Linear Carbon ±20 %
E = Linear Carbon ±10 %
L = Linear Carbon ±5 %
Resistance Code
Other versions available upon request.
11/07
Recommended PCB Layout
Recommended PCB Layout



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com