Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP2021 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2021
Description  LMP2021/LMP2022 Zero Drift, Low Noise, EMI Hardened Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP2021 Datasheet(HTML) 1 Page - Texas Instruments

  LMP2021 Datasheet HTML 1Page - Texas Instruments LMP2021 Datasheet HTML 2Page - Texas Instruments LMP2021 Datasheet HTML 3Page - Texas Instruments LMP2021 Datasheet HTML 4Page - Texas Instruments LMP2021 Datasheet HTML 5Page - Texas Instruments LMP2021 Datasheet HTML 6Page - Texas Instruments LMP2021 Datasheet HTML 7Page - Texas Instruments LMP2021 Datasheet HTML 8Page - Texas Instruments LMP2021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
LMP2021, LMP2022
www.ti.com
SNOSAY9E – SEPTEMBER 2008 – REVISED MARGH 2013
LMP2021/LMP2022 Zero Drift, Low Noise, EMI Hardened Amplifiers
Check for Samples: LMP2021, LMP2022
1
FEATURES
DESCRIPTION
The LMP2021/LMP2022 are single and dual precision
23
(Typical Values, TA = 25°C, VS = 5V)
operational amplifiers offering ultra low input offset
Input Offset Voltage (Typical)
−0.4 µV
voltage, near zero input offset voltage drift, very low
Input Offset Voltage (Max) ±5 µV
input voltage noise and very high open loop gain.
They are part of the LMP™ precision family and are
Input Offset Voltage Drift (Typical) -0.004 µV/°C
ideal for instrumentation and sensor interfaces.
Input Offset Voltage Drift (Max) ±0.02 µV/°C
The LMP2021/LMP2022 have only 0.004 µV/°C of
Input Voltage Noise, AV = 1000 11 nV/√Hz
input offset voltage drift, and 0.4 µV of input offset
Open Loop Gain 160 dB
voltage. These attributes provide great precision in
CMRR 139 dB
high accuracy applications.
PSRR 130 dB
The
proprietary
continuous
correction
circuitry
Supply Voltage Range 2.2V to 5.5V
ensures impressive CMRR and PSRR, removes the
1/f noise component, and eliminates the need for
Supply Current (per Amplifier) 1.1 mA
calibration in many circuits.
Input Bias Current ±25 pA
With only 260 nVPP (0.1 Hz to 10 Hz) of input voltage
GBW 5 MHz
noise
and
no
1/f
noise
component,
the
Slew Rate 2.6 V/µs
LMP2021/LMP2022 are suitable for low frequency
Operating Temperature Range
−40°C to 125°C
applications such as industrial precision weigh scales.
The low input bias current of 23 pA makes these
5-Pin SOT-23, 8-Pin VSSOP and 8-Pin SOIC
excellent choices for high source impedance circuits
Packages
such as non-invasive medical instrumentation as well
as test and measurement equipment. The extremely
APPLICATIONS
high open loop gain of 160 dB drastically reduces
Precision Instrumentation Amplifiers
gain error in high gain applications. With ultra
precision DC specifications and very low noise, the
Battery Powered Instrumentation
LMP2021/LMP2022 are ideal for position sensors,
Thermocouple Amplifiers
bridge sensors, pressure sensors, medical equipment
Bridge Amplifiers
and other high accuracy applications with very low
error budgets.
The LMP2021 is offered in 5-Pin SOT-23 and 8-Pin
SOIC packages. The LMP2022 is offered in 8-Pin
VSSOP and 8-Pin SOIC packages.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
LMP is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMP2021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP2021 NSC-LMP2021 Datasheet
702Kb / 20P
Zero Drift, Low Noise, EMI Hardened Amplifiers
logo
Texas Instruments
LMP2021 TI1-LMP2021 Datasheet
1Mb / 31P
LMP2021/LMP2022 Zero Drift, Low Noise, EMI Hardened Amplifiers
LMP2021 TI1-LMP2021 Datasheet
1Mb / 37P
Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
LMP2021 TI2-LMP2021 Datasheet
1Mb / 42P
LMP202x Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
REVISED FEBRUARY 2016
logo
National Semiconductor ...
LMP2021MA NSC-LMP2021MA Datasheet
702Kb / 20P
Zero Drift, Low Noise, EMI Hardened Amplifiers
More results

Similar Description - LMP2021

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2054 LINER-LTC2054 Datasheet
199Kb / 12P
Low Power Zero-Drift Operational Amplifiers
logo
National Semiconductor ...
LMP2021 NSC-LMP2021 Datasheet
702Kb / 20P
Zero Drift, Low Noise, EMI Hardened Amplifiers
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
Zero Drift operational amplifiers
AK2920T AKM-AK2920T Datasheet
345Kb / 15P
Zero Drift operational amplifiers
logo
Texas Instruments
LMP2021 TI1-LMP2021_14 Datasheet
1Mb / 31P
LMP2021/LMP2022 Zero Drift, Low Noise, EMI Hardened Amplifiers
LMP2021 TI-LMP2021_15 Datasheet
1Mb / 36P
LMP202x Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
LMP2021 TI-LMP2021_15 Datasheet
1Mb / 37P
LMP202x Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
OPA4188 TI1-OPA4188 Datasheet
1Mb / 35P
Zero-Drift Operational Amplifiers
LMP2021 TI1-LMP2021 Datasheet
1Mb / 37P
Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com