Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV712MMX Datasheet(PDF) 4 Page - Texas Instruments

Part # LMV712MMX
Description  LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV712MMX Datasheet(HTML) 4 Page - Texas Instruments

  LMV712MMX Datasheet HTML 1Page - Texas Instruments LMV712MMX Datasheet HTML 2Page - Texas Instruments LMV712MMX Datasheet HTML 3Page - Texas Instruments LMV712MMX Datasheet HTML 4Page - Texas Instruments LMV712MMX Datasheet HTML 5Page - Texas Instruments LMV712MMX Datasheet HTML 6Page - Texas Instruments LMV712MMX Datasheet HTML 7Page - Texas Instruments LMV712MMX Datasheet HTML 8Page - Texas Instruments LMV712MMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LMV712-N
SNOS534G – MAY 2004 – REVISED MARCH 2010
www.ti.com
2.7V Electrical Characteristics (continued)
Unless otherwise specified, all limits guaranteed for V
+ = 2.7V, V − = 0V, V
CM = 1.35V and TA = 25°C and RL > 1MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Min
Typ
Max
Units
(1)
(2)
(1)
Sourcing
RL = 10kΩ
80
115
dB
VO = 1.35V to 2.3V
76
Sinking
RL = 10kΩ
80
113
dB
VO = 0.4V to 1.35V
76
AVOL
Large Signal Voltage Gain
Sourcing
RL = 600Ω
80
97
dB
VO = 1.35V to 2.2V
76
Sinking
RL = 600Ω
80
100
dB
VO = 0.5V to 1.35V
76
On Mode
2.4 to 2.7
2.0 to 2.7
V
VSD
Shutdown Pin Voltage Range
Shutdown Mode
0 to 0.8
0 to 1
V
GBWP
Gain-Bandwidth Product
5
MHz
SR
Slew Rate
(3)
5
V/µs
φm
Phase Margin
60
Deg
en
Input Referred Voltage Noise
f = 1kHz
20
nV/
√Hz
2.2
4
Turn-On Time from Shutdown
μs
4.6
TON
6
Turn-On Time from Shutdown
DSBGA
μs
8
(3)
Number specified is the slower of the positive and negative slew rates.
5V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for V
+ = 5V, V − = 0V, V
CM = 2.5V and TA = 25°C and RL > 1MΩ. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Condition
Min
Typ
Max
Units
(1)
(2)
(1)
VSSOP
0.4
3
WSON
3.2
VCM = 0.85V and
VOS
Input Offset Voltage
mV
VCM = 1.85V
DSBGA
3
7
9
5.5
115
IB
Input Bias Current
pA
130
0V
≤ VCM ≤ 5V
50
80
CMRR
Common Mode Rejection Ratio
dB
45
2.7V
≤ V+ ≤ 5V,
70
90
dB
VCM = 0.85V
68
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 5V,
70
90
dB
VCM = 1.85V
68
For CMRR
≥ 50dB
−0.3
−0.2
V
CMVR
Common Mode Voltage Range
5.2
5.3
V
Sourcing
20
35
mA
VO = 0V
18
ISC
Output Short Circuit Current
Sinking
25
50
mA
VO = 5V
21
(1)
All limits are guaranteed by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not guaranteed on
shipped production material.
4
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Links: LMV712-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com