Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV712MMX Datasheet(PDF) 6 Page - Texas Instruments

Part # LMV712MMX
Description  LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV712MMX Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMV712MMX Datasheet HTML 2Page - Texas Instruments LMV712MMX Datasheet HTML 3Page - Texas Instruments LMV712MMX Datasheet HTML 4Page - Texas Instruments LMV712MMX Datasheet HTML 5Page - Texas Instruments LMV712MMX Datasheet HTML 6Page - Texas Instruments LMV712MMX Datasheet HTML 7Page - Texas Instruments LMV712MMX Datasheet HTML 8Page - Texas Instruments LMV712MMX Datasheet HTML 9Page - Texas Instruments LMV712MMX Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
2.7
3.0
3.5
4.0
4.5
5.0
40
60
80
100
140
160
VS (V)
120
85°C
25°C
-40°C
2.7
3.0
3.5
4.0
4.5
5.0
40
50
60
70
90
100
VS (V)
80
85°C
25°C
-40°C
0
1
2
3
4
5
-1200
-1000
-800
-600
-400
-200
0
VCM (V)
-40°C
25°C
85°C
0
1
2
4
5
VCM (V)
0.01
0.1
1
10
100
3
+85°C
+70°C
+50°C
+25°C
0°C
-25°C
-40°C
2.7
3.0
3.5
4.0
4.5
5.0
0.5
0.7
0.9
1.1
1.3
1.5
SUPPLY VOLTAGE (V)
85°C
25°C
-40°C
2.7
3.0
3.5
4.0
4.5
5.0
0.2
0.3
0.4
0.5
0.6
SUPPLY VOLTAGE (V)
LMV712-N
SNOS534G – MAY 2004 – REVISED MARCH 2010
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified, VS = +5V, single supply, TA = 25°C.
Supply Current Per Channel
Supply Current
vs.
vs.
Supply Voltage
Supply Voltage (Shutdown)
Figure 2.
Figure 3.
VOS
IB
vs.
vs.
VCM
VCM Over Temp
Figure 4.
Figure 5.
Output Positive Swing
Output Negative Swing
vs.
vs.
Supply Voltage, RL = 600Ω
Supply Voltage, RL = 600Ω
Figure 6.
Figure 7.
6
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Links: LMV712-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com