Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDB12 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PDB12
Description  12 mm Rotary Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDB12 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PDB12 Datasheet HTML 1Page - Bourns Electronic Solutions PDB12 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
■ Single gang panel control
■ RoHS compliant*
■ Carbon element
■ Center detent option
■ Wide range of resistance tapers
■ Insulated shaft styles
■ Assortment of pin layouts
Applications
■ Audio/TV sets
■ Car radio
■ Amplifiers/mixers/drum machines/
synthesizers
■ PCs/monitors
■ Appliances
PDB12 Series - 12 mm Rotary Potentiometer
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
Electrical Characteristics
Taper.................................... Linear, audio
Standard Resistance Range
......................... 1K ohms to 1M ohms
Standard Resistance Tolerance.....±20 %
Residual Resistance ..........10 ohms max.
Environmental Characteristics
Power Rating
Linear ...................................0.08 watt
Audio....................................0.04 watt
Maximum Operating Voltage
Linear ........................................ 150 V
Audio......................................... 100 V
Sliding Noise ........................ 47 mV max.
Mechanical Characteristics
Mechanical Angle .....................300 ° ±5 °
Rotational Torque ............ 20 to 200 g-cm
Stop Strength ..................... 3 kg-cm min.
Rotational Life ................... 15,000 cycles
Soldering Condition
............300 °C max. within 3 seconds
Hardware .............. No hardware supplied
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Derating Curve
Ambient Temperature (°C)
20
40 50 60 70
80 90 100
30
10
0
20
33
40
60
80
100
0
PDB12-H
L
F
30
°
RECOMMENDED PCB LAYOUT
SHAFT SHOWN IN CCW POSITION
6.0
(.24)
DIA.
6.0
(.24)
9.0
(.354)
12.4
(.488)
DIA.
2.6
(.102)
8.7
(.342)
3.2
(.125)
4.6
(.181)
4.5
(.177)
1.5
(.059)
1.5
(.059)
12.4
(.488)
7.5
(.295)
12.6
(.496)
2.5
(.098)
2.7
(.106)
10.0
(.393)
7.5
(.295)
3 PLCS.
1.0
(.039)
DIA.
1
2
3
PDB12-G
L
3.7
(.145)
F
DIA.
6.0
(.24)
4.5
(.177)
1.5
(.059)
10.0
(.393)
12.4
(.488)
DIA.
4.5
(.177)
3.0
(.118)
2.6
(.102)
4.0
(.157)
6.0
(.236)
4.5
(.177)
30
°
1.5
(.059)
1
2
3
7.5
(.295)
14.0
(.551)
RECOMMENDED PCB LAYOUT
4.0
(.157)
7.5
(.295)
3 PLCS.
1.0
(.039)
DIA.
2.7
(.106)
2.0
(.078)
12.0
(.472)
SHAFT SHOWN IN CCW POSITION
PDB12 Dimensions
L
15
(.591)
20
(.787)
25
(.984)
30
(1.181)
F
7
(.276)
7
(.276)
12
(.472)
12
(.472)
1
2
3
SCHEMATIC


Similar Part No. - PDB12

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PDB1216E POTENS-PDB1216E Datasheet
647Kb / 5P
12V Dual N-Channel MOSFETs
Ver.1.05
More results

Similar Description - PDB12

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDA17 BOURNS-PDA17 Datasheet
266Kb / 3P
17 mm Rotary Potentiometer
PDB18 BOURNS-PDB18 Datasheet
522Kb / 5P
17 mm Rotary Potentiometer
PDB24 BOURNS-PDB24 Datasheet
310Kb / 2P
PDB24 Series - 24 mm Rotary Potentiometer
PDB184 BOURNS-PDB184 Datasheet
270Kb / 2P
17 mm Rotary Potentiometer w/Rotary Switch
PDB18 BOURNS-PDB18_13 Datasheet
583Kb / 5P
17 mm Rotary Potentiometer
PTVPTT BOURNS-PTVPTT Datasheet
298Kb / 3P
12 mm Potentiometer
logo
Productwell Precision E...
R09A11H21 PRODUCTWELL-R09A11H21_14 Datasheet
334Kb / 2P
ROTARY POTENTIOMETER
R10A1MH01 PRODUCTWELL-R10A1MH01_14 Datasheet
250Kb / 2P
ROTARY POTENTIOMETER
logo
Bourns Electronic Solut...
PDB08 BOURNS-PDB08 Datasheet
739Kb / 3P
PDB08 - 8 mm Micro Rotary Potentiometer
03/21
PRS12R BOURNS-PRS12R Datasheet
678Kb / 3P
PRS12R - 12 mm Rotary Metal Shaft Dual-Potentiometer
04/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com