Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS750F Datasheet(PDF) 2 Page - Maxwell Technologies

Part # SCS750F
Description  FLIGHT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

SCS750F Datasheet(HTML) 2 Page - Maxwell Technologies

  SCS750F Datasheet HTML 1Page - Maxwell Technologies SCS750F Datasheet HTML 2Page - Maxwell Technologies SCS750F Datasheet HTML 3Page - Maxwell Technologies SCS750F Datasheet HTML 4Page - Maxwell Technologies SCS750F Datasheet HTML 5Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SCS750
mICroeLeCtroNICS
page 2 of 5
| Doc. # 1004741 | Rev.
|
PPC
750FX
Memory Controllers,
Timers (3), Interrupts,
DMA (3), UART's (2)
Watchdog Timer
Mission Timer
PPC
750FX
PPC
750FX
SDRAM Interface
Double Device
Correction Reed-
Solomon
EEPROM
Interface
SEC/DED EDAC
7.0MB User EEPROM
SDRAM
256 MBytes
0.5MB Secondary SuROM
0.5MB Primary SuROM
PCI Target
PCI-PCI
Bridge
LOCAL PCI BUS (32 bit, 33MHz)
Actel RT-AXS
SEU Immune FPGA
Actel RT-AXS SEU Immune FPGA
MIL-STD-
1553
BC/RT/MT
Rad-Hard
(Optional)
Power Input: 3.3V / 5V
(3) Timer Synch# Signals (input/output) [J3 Connector]
Synch/Asynch
Serial
Communications
Controller (SCC)
(2)
GPIO
General
Purpose I/O
Controller
(32 I/O's)
System
Timers
32 Bit
(4 Timers)
count-
down
1553
Interface
Logic
3.3V CMOS, 16 Discretes shared with Backplane
3.3V CMOS, 32 Discretes [J3/J5 Connectors]
LVDS Standard, RS-422 Option [J3 Connector]
JTAG/PowerPC ICE
CPU Error (3)
Voltage Sense Output
UART0 (LVDS/RS422)
FLIGHT/FLIGHT#
Inject PPC Errors (3)
FT_RESET#
Main Memory
Arbiters 8 channel arbiter
80 MHz
Oscillator
To FPGA's,
PPC's, SDRAM's
cPCI Bus, 3.3V
32 bit, 33MHz
PCI
Master
PCI
Target
System Controller Chip
PCI-IF Chip
EEPROM Write Enable (3)
[J3 Connector]
FP_RESET#
FP_HALT#
XFMR
Up to 800MHz
>1,800 MIPS
40MHz Clock
Distribution
FPGA Silicon Expl.
WD_DISABLE#
60X Master
Bus Snooping
PCI (8)
cPCI (8)
33MHz Clock
Distribution
SuROM/EEPROM
Write enables
Power
Switch
DC/DC
FPGA
Core
3.3V
1.5V
Local PCI to J4
2.5V I/O
Regulator
3.3V
2.5V - PPC
I/O Voltages
DC/DC
Converter
66 MHz
Oscillator
RAD Hard
1553 SRAM
XFMR
Set
Voltage
UART0 (LVDS/RS422)
UART(0/1) - 2 channel (LVDS/RS422)
Auto Controller/Peripheral Configuration
Cold Sparing Capable
Processor & SDRAM Error Logging
Front Panel Test Connector
Front Panel Flight Connector
Single Event Upset Mitigation
SCS750
Enhanced Features
7
100 Years



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com