Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS750F Datasheet(PDF) 3 Page - Maxwell Technologies

Part # SCS750F
Description  FLIGHT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

SCS750F Datasheet(HTML) 3 Page - Maxwell Technologies

  SCS750F Datasheet HTML 1Page - Maxwell Technologies SCS750F Datasheet HTML 2Page - Maxwell Technologies SCS750F Datasheet HTML 3Page - Maxwell Technologies SCS750F Datasheet HTML 4Page - Maxwell Technologies SCS750F Datasheet HTML 5Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SCS750
mICroeLeCtroNICS
page 3 of 5
System Controller
Memory Controller,
PCI, Timers, Interrupts,
DMA, UART,
Reed-Solomon EDAC
SDRAM
256 MBytes
EEPROM
8 MBytes
USRT (x2)
Programmable Timers (x3)
32 Programmable I/O
MIL-STD 1553
BC/RT/MT
(optional)
PowerPC
PowerPC
PowerPC
PMC
#2
PMC
#1
TMR Protected
Rad-Tolerant FPGA
SEU Immune
Rad-Tolerant FPGA
SEU Immune
Rad-Tolerant FPGA
SEU Immune
Reed-Solomon
& ECC
Engineering development
use only
Local PCI Bus
32 bit, 33 MHz
SEU Immune
SCS750
Triple Redundant Processing
| Doc. # 1004741 | Rev.
|
Triple Redundant Processing
• Detects upset
• flushes µprocessors memory into main memory
• tri-states upset µprocessor
• Scrubs memory contents
• restores memory back into µprocessors
• resynchronizes all three µprocessors into lockstep
tmr processor Seu flush
tmr processor restore
flushes and restores in ms!
7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com