Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-5050 Datasheet(PDF) 20 Page - Pixart Imaging Inc.

Part # ADNS-5050
Description  Optical Mouse Sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-5050 Datasheet(HTML) 20 Page - Pixart Imaging Inc.

Back Button ADNS-5050 Datasheet HTML 16Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 17Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 18Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 24Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
20
0
10
20
30
40
50
60
1
55
109 163 217 271 325 379 433 487 541 595 649 703 757 811 865
Count
0
10
20
30
40
50
60
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
Delta from Lens Reference Plane to Tracking Surface, Z (mm)
Avg-3sigma
Avg
Avg+3sigma
Data Type:
Upper 8 bits of a 9-bit unsigned integer.
USAGE:
SQUAL (Surface Quality) is a measure of the number of valid features visible by the sensor in the cur-
rent frame. The maximum SQUAL register value is 128. Since small changes in the current frame can
result in changes in SQUAL, variations in SQUAL when looking at a surface are expected. The graph
below shows few sequentially acquired SQUAL values, while a sensor was moved slowly over white
paper. SQUAL is nearly equal to zero, if there is no surface below the sensor. SQUAL is typically maxi-
mized when the navigation surface is at the optimum distance from the imaging lens (the nominal
Z-height).
Figure 13. Squal values (white paper).
Figure 14. Mean squal vs. Z (white paper).
SQUAL
Address: 0x05
Access: Read
Reset Value: 0x00
Bit
7
6
5
4
3
2
1
0
Field
SQ7
SQ6
SQ5
SQ4
SQ3
SQ2
SQ1
SQ0
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-5050 Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com