Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-5050 Datasheet(PDF) 22 Page - Pixart Imaging Inc.

Part # ADNS-5050
Description  Optical Mouse Sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-5050 Datasheet(HTML) 22 Page - Pixart Imaging Inc.

Back Button ADNS-5050 Datasheet HTML 18Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 26Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
22
Maximum_Pixel
Address: 0x08
Access: Read
Reset Value: 0x00
Bit
7
6
5
4
3
2
1
0
Field
MP0
MP6
MP5
MP4
MP3
MP2
MP1
MP0
Data Type:
Seven-bit number.
USAGE:
Maximum Pixel value in current frame. Minimum value = 0, maximum value = 127. The maximum
pixel value can vary with every frame.
Pixel_Sum
Address: 0x09
Access: Read
Reset Value: 0x00
Bit
7
6
5
4
3
2
1
0
Field
AP7
AP6
AP5
AP4
AP3
AP2
AP1
AP0
Data Type:
High 8 bits of an unsigned 15-bit integer.
USAGE:
This register is the accumulated pixel value from the last image taken. The maximum accumulator
value is 45,847, but only bits [14:7] are reported. It may be described as the full sum divided by 1.41.
The maximum register value is 179. The minimum is 0. The pixel sum value can change on every
frame
Minimum_Pixel
Address: 0x0a
Access: Read
Reset Value: 0x00
Bit
7
6
5
4
3
2
1
0
Field
MP0
MP6
MP5
MP4
MP3
MP2
MP1
MP0
Data Type:
Seven-bit number..
USAGE:
Minimum Pixel value in current frame. Minimum value = 0, maximum value = 127. The minimum
pixel value can vary with every frame.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-5050 Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com