Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8205WYRZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8205WYRZ-R7
Description  Single-Supply 42 V System Difference Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8205WYRZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8205WYRZ-R7 Datasheet HTML 1Page - Analog Devices AD8205WYRZ-R7 Datasheet HTML 2Page - Analog Devices AD8205WYRZ-R7 Datasheet HTML 3Page - Analog Devices AD8205WYRZ-R7 Datasheet HTML 4Page - Analog Devices AD8205WYRZ-R7 Datasheet HTML 5Page - Analog Devices AD8205WYRZ-R7 Datasheet HTML 6Page - Analog Devices AD8205WYRZ-R7 Datasheet HTML 7Page - Analog Devices AD8205WYRZ-R7 Datasheet HTML 8Page - Analog Devices AD8205WYRZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
AD8205
Rev. | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 2. Metallization Diagram
NC = NO CONNECT
AD8205
TOP VIEW
(Not to Scale)
–IN
1
GND
2
VREF2 3
NC
4
+IN
VREF1
V+
OUT
8
7
6
5
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
X
Y
1
−IN
−206
508
2
GND
−447
57
3
VREF2
−432
−457
4
NC
N/A
N/A
5
OUT
444
−472
6
V+
444
−203
7
VREF1
456
434
8
+IN
203
509
Die size is 1170 µm by 1280 µm.
Die thickness is 13 mil.
Minimum passivation opening (minimum bond pad size) is
92 µm × 92 µm.
Passivation type is 8KA USG (Oxide) + 10KA Oxynitride.
Bond pad metal composition is 98.5% Al, 1% Si, and 0.5% Cu.
Backside potential is V+.
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com