Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8205WYRZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8205WYRZ-R7
Description  Single-Supply 42 V System Difference Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8205WYRZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8205WYRZ-R7 Datasheet HTML 4Page - Analog Devices AD8205WYRZ-R7 Datasheet HTML 5Page - Analog Devices AD8205WYRZ-R7 Datasheet HTML 6Page - Analog Devices AD8205WYRZ-R7 Datasheet HTML 7Page - Analog Devices AD8205WYRZ-R7 Datasheet HTML 8Page - Analog Devices AD8205WYRZ-R7 Datasheet HTML 9Page - Analog Devices AD8205WYRZ-R7 Datasheet HTML 10Page - Analog Devices AD8205WYRZ-R7 Datasheet HTML 11Page - Analog Devices AD8205WYRZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD8205
Data Sheet
Rev. D | Page 12 of 12
OUTLINE DIMENSIONS
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-AA
0.25 (0.0098)
0.17 (0.0067)
1.27 (0.0500)
0.40 (0.0157)
0.50 (0.0196)
0.25 (0.0099)
45°
1.75 (0.0688)
1.35 (0.0532)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0040)
4
1
85
5.00 (0.1968)
4.80 (0.1890)
4.00 (0.1574)
3.80 (0.1497)
1.27 (0.0500)
BSC
6.20 (0.2441)
5.80 (0.2284)
0.51 (0.0201)
0.31 (0.0122)
COPLANARITY
0.10
Figure 22. 8-Lead Standard Small Outline Package [SOIC_N]
Narrow Body
(R-8)
Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
AD8205YRZ
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8205YRZ-RL
−40°C to +125°C
8-Lead SOIC_N, 13”Tape and Reel
R-8
AD8205YRZ-R7
−40°C to +125°C
8-Lead SOIC_N, 7”Tape and Reel
R-8
AD8205WYRZ
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8205WYRZ-RL
−40°C to +125°C
8-Lead SOIC_N, 13”Tape and Reel
R-8
AD8205WYRZ-R7
−40°C to +125°C
8-Lead SOIC_N, 7”Tape and Reel
R-8
AD8205WHRZ
−40°C to +150°C
8-Lead SOIC_N
R-8
AD8205WHRZ-RL
−40°C to +150°C
8-Lead SOIC_N, 13”Tape and Reel
R-8
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The AD8205WYRZ and AD8205WHRZ models are available with controlled manufacturing to support the quality and reliability
requirements of automotive applications. Note that these automotive models may have specifications that differ from the commercial
models; therefore, designers should review the Specifications section of this data sheet carefully. Only the automotive grade products
shown are available for use in automotive applications. Contact your local Analog Devices account representative for specific product
ordering information and to obtain the specific Automotive Reliability reports for these models.
©2004–2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D04315-0-4/12(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com