Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV324LIPT Datasheet(PDF) 10 Page - STMicroelectronics

Part # LMV324LIPT
Description  Low-power, general-purpose operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV324LIPT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LMV324LIPT Datasheet HTML 6Page - STMicroelectronics LMV324LIPT Datasheet HTML 7Page - STMicroelectronics LMV324LIPT Datasheet HTML 8Page - STMicroelectronics LMV324LIPT Datasheet HTML 9Page - STMicroelectronics LMV324LIPT Datasheet HTML 10Page - STMicroelectronics LMV324LIPT Datasheet HTML 11Page - STMicroelectronics LMV324LIPT Datasheet HTML 12Page - STMicroelectronics LMV324LIPT Datasheet HTML 13Page - STMicroelectronics LMV324LIPT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Electrical characteristics
LMV321L, LMV358L, LMV324L
10/20
DocID023066 Rev 2
Figure 14. Negative slew rate at VCC = 5 V with
Cl = 100 pF
Figure 15. Noise vs. frequency
Figure 16. Distortion + noise vs. frequency
Figure 17. Distortion + noise vs. output voltage
-1
0
1
2
3
4
56
78
9
-2.0
-2.0
-1.5
-1.0
-1.0
-0.5
0.0
0.0
0.5
1.0
1.0
1.5
2.0
2.0
Vcc=5V
Vicm=Vcc/2
Cl=100pF
Rl=1MΩ
T=25°C
T=125°C
T=-40°C
Time (µs)
100
1000
10000
00
20
40
40
60
80
80
100
120
120
140
Vicm=Vcc/2
T=25°C
Vcc=2.7V
Vcc=5V
Frequency (Hz)
100
1000
10000
10
-3
10
-2
10
-1
Vcc=5V
BW=80kHz
Vin=1Vpp
Gain=1
Vicm=Vcc/2
T=25°C
Rl=10kΩ
Rl=2kΩ
Frequency (Hz)
0.01
0.1
1
10
10
-4
10
-3
10
-2
10
-1
Vcc=5V
Gain=1
BW=22kHz
Vicm=Vcc/2
T=25°C
Rl=10kΩ
Rl=2kΩ
Output Voltage (Vpp)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com