Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV324LIPT Datasheet(PDF) 15 Page - STMicroelectronics

Part # LMV324LIPT
Description  Low-power, general-purpose operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV324LIPT Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LMV324LIPT Datasheet HTML 11Page - STMicroelectronics LMV324LIPT Datasheet HTML 12Page - STMicroelectronics LMV324LIPT Datasheet HTML 13Page - STMicroelectronics LMV324LIPT Datasheet HTML 14Page - STMicroelectronics LMV324LIPT Datasheet HTML 15Page - STMicroelectronics LMV324LIPT Datasheet HTML 16Page - STMicroelectronics LMV324LIPT Datasheet HTML 17Page - STMicroelectronics LMV324LIPT Datasheet HTML 18Page - STMicroelectronics LMV324LIPT Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
DocID023066 Rev 2
15/20
LMV321L, LMV358L, LMV324L
Package information
20
5.3
MiniSO8 package information
Figure 20. MiniSO8 package mechanical drawing
Table 7. MiniSO8 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.1
0.043
A1
0
0.15
0
0.006
A2
0.75
0.85
0.95
0.030
0.033
0.037
b
0.22
0.40
0.009
0.016
c
0.08
0.23
0.003
0.009
D
2.80
3.00
3.20
0.11
0.118
0.126
E
4.65
4.90
5.15
0.183
0.193
0.203
E1
2.80
3.00
3.10
0.11
0.118
0.122
e
0.65
0.026
L
0.40
0.60
0.80
0.016
0.024
0.031
L1
0.95
0.037
L2
0.25
0.010
k
0 °
8 °
0 °
8 °
ccc
0.10
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com