Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATC504L Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ATC504L
Description  Ultra-Broadband Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATC504L Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ATC504L Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC504L Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A T C U L T R A - B R O A D B A N D R E S I S T I V E P R O D U C T S
For additional information and catalogs contact your ATC
representative or call direct at +1-631-622-4700.
Consult factory for additional performance data.
ATC accepts orders for our parts using designations with or without the “ATC” prefix. Both
methods of defining the part number are equivalent, i.e., part numbers referenced with the
“ATC” prefix are interchangeable to parts referenced without the “ATC” prefix. Customers are
free to use either in specifying or procuring parts from American Technical Ceramics.
Sales of ATC products are subject to the terms and conditions contained in American Technical Ceramics Corp. Terms and Conditions of Sale (ATC document #001-992 Rev. A 10/03). Copies of these
terms and conditions will be provided upon request. They may also be viewed on ATC's website at www.atceramics.com/productfinder/default.asp. Click on the link for Terms and Conditions of Sale.
ATC has made every effort to have this information as accurate as possible. However, no responsibility is assumed by ATC for its use, nor for any infringements of rights of third parties which may
result from its use. ATC reserves the right to revise the content or modify its product line without prior notice.
© 2012 American Technical Ceramics Corp. All Rights Reserved.
ATC # 001-1108, Rev C, 8/13
ATC Part Number Code
Resistor Material (TaN): Properties
Sheet Resistance
(Ohms per Square)
TCR ppm/°C
30 to 100
-50 to -150
Resistor Material Properties
ATC 504
L
100
0
F
T
NC
F
T
Series
Case Size
Resistance Value (
Ω)
3 significant digits
R= decimal point
Multiplyer
Tolerance
F= 1%
Packaging: T = Tape & Reel
Temperature Coefficient of
Resistance
(-50 to -150 ppm/°C)
Compensation
NC = Non-Compensated
Termination
T = NiSn Plated
The above part number refers to a 504 Series (case size L), 100 Ohms, F tolerance (1%), NiSn Plated
Non-Compensated, with a TCR of -50 to -150 ppm/ºC, with Tape and Reel Packaging.
Mechanical Dimensions
Size (EIA)
Length (L)
Width (W)
Thickness (T)
Terminal (t)
0402
.039 ±.004
(1.00 ±0.10)
.020 ±.004
(0.50 ±0.10)
.020 ±.004
(0.50 ±0.10)
.010 ±.006
(0.25 ±0.15)
inches (mm)
W
L
T
t
t
COVER GLASS
FLEX TERMINATION (Ag EPOXY)
PLATED WITH Ni / Sn
EPOXY
GLASS SUBSTRATE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com