Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATC504L Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ATC504L
Description  Ultra-Broadband Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATC504L Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ATC504L Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC504L Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A T C U L T R A - B R O A D B A N D R E S I S T I V E P R O D U C T S
ATC 504L Series UBRTM
Ultra-Broadband Resistors
Features:
• Frequency Range: DC to 20 GHz
• EIA 0402 Case Size
• Power Rating: 125 mW
• Operating Temperature:
-40°C to +125°C
• 100% Laser Trimming for
Tight Tolerances
• RoHS Compliant
ATC // AVX Thin Film Technologies is pleased to introduce
the 504L Series next generation of surface mount Ultra-
Broadband Resistors. This product was designed with our
proprietary Glass Sandwich Flexiterm® Technology,
(GSFT). The Flexiterm® is a surface mountable automo-
tive qualified termination that adds an extra margin
against damage due to flexture during installation.
The 504L Series has been designed with high quality
selected materials that yield excellent performance.
This product is ideal for use in Optical Transceiver
Modules or any application requiring excellent ultra-
broadband performance.
Applications:
• Optical Transceiver Modules
• Broadband Receiver
• TOSA / ROSA
• Wideband Test Equipment
• Low Noise Amplifier
• MMIC Amplifiers
• Mixers
• Directional Couplers
• Ultra-Broadband Splitters
and Combiners
ATC # 001-1108
Rev C, 8/13
Markets:
• Opto-electronics
• Automotive
• Telecom
• Broadband Jamming for EW
• Satellite Communication
Resistor
Detail
Outline
EIA 0402
Package
Glass wafer sandwich
Standard Resistance Values (
Ω)
25
Ω, 50Ω, 100Ω, 200Ω
Resistance Value Range
From 25
Ω to 400Ω
Termination
Flexiterm® (Ag/Epoxy),
NiSn plated
Power Rating
125 mW
Operating Temperature Range
-40°C to +125°C
Tolerance
1%
Specifications
-5.9
-6.01
-6.12
-6.23
-6.34
-6.45
-6.56
-6.67
-6.78
-6.89
-7
1
3.9
6.8
9.7
12.6 15.5 18.4 21.3 24.2 27.1
30
Frequency (GHz)
Patent Pending
Modeled with HFSS using Rogers 3003 substrate, with a thickness of
10 mils and a line width of 24 mils, representing data for 100 Ohms.
ATC 504L Series Flatness vs. Frequency


Similar Part No. - ATC504L

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
ATC500000100 ATC-ATC500000100 Datasheet
374Kb / 2P
1/16 DIN Advanced, Full Featured PID Temperature Controller
ATC500000400 ATC-ATC500000400 Datasheet
374Kb / 2P
1/16 DIN Advanced, Full Featured PID Temperature Controller
ATC500010500 ATC-ATC500010500 Datasheet
374Kb / 2P
1/16 DIN Advanced, Full Featured PID Temperature Controller
ATC500200100 ATC-ATC500200100 Datasheet
374Kb / 2P
1/16 DIN Advanced, Full Featured PID Temperature Controller
ATC500200400 ATC-ATC500200400 Datasheet
374Kb / 2P
1/16 DIN Advanced, Full Featured PID Temperature Controller
More results

Similar Description - ATC504L

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
GX035C104MAT2 AVX-GX035C104MAT2 Datasheet
220Kb / 2P
Ultra-Broadband performance
logo
List of Unclassifed Man...
506WLC2R0KG250B ETC2-506WLC2R0KG250B Datasheet
135Kb / 2P
Ultra-Broadband Inductor
506WLC6R0KG200B ETC2-506WLC6R0KG200B Datasheet
134Kb / 2P
Ultra-Broadband Inductor
ATC550L ETC2-ATC550L Datasheet
154Kb / 2P
Ultra-Broadband Capacitor
ATC506WLSM0R47KT815T ETC2-ATC506WLSM0R47KT815T Datasheet
338Kb / 3P
Ultra-Broadband
logo
AVX Corporation
GX03 AVX-GX03_15 Datasheet
258Kb / 2P
Ultra Broadband Capacitor
logo
Marki Microwave
C09-0R412 MARKIMICROWAVE-C09-0R412 Datasheet
216Kb / 3P
Ultra Broadband Performance
C09-0R418 MARKIMICROWAVE-C09-0R418 Datasheet
215Kb / 3P
Ultra Broadband Performance
C09-0R426 MARKIMICROWAVE-C09-0R426 Datasheet
227Kb / 3P
Ultra Broadband Performance
C16-0667 MARKIMICROWAVE-C16-0667 Datasheet
224Kb / 3P
Ultra Broadband Performance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com