Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATC800C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ATC800C
Description  Ultra-Stable Performance
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATC800C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ATC800C Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC800C Datasheet HTML 2Page - List of Unclassifed Manufacturers ATC800C Datasheet HTML 3Page - List of Unclassifed Manufacturers ATC800C Datasheet HTML 4Page - List of Unclassifed Manufacturers ATC800C Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
ATC 800 C Capacitance Values
ATC PART NUMBER CODE
ATC800 C 22 0
J
TN 3600 X
C
Series
Case Size
Capacitance Code:
First 2 significant digits for capacitance.
R=Decimal Point
Laser Marking
Indicates number of zeros following digits
WVDC
of capacitance in picofarads except for decimal values.
Termination Code
Capacitance Tolerance
The above part number refers to a 800 C Series (case size C) 22 pF capacitor, J tolerance (±5%),
3600 WVDC, with TN termination (RoHS Compliant, Tin Plated over Non-Magnetic Barrier Termination), laser marking and plastic Matrix Tray packaging.
For additional information and catalogs contact your ATC
representative or call direct at (+1-631) 622-4700.
Consult factory for additional performance data.
ATC accepts orders for our parts using designations with or without the
“ATC” prefix. Both methods of defining the part number are equivalent,
i.e., part numbers referenced with the “ATC” prefix are interchangeable to
parts referenced without the “ATC” prefix. Customers are free to use either
in specifying or procuring parts from American Technical Ceramics.
CAPACITANCE TOLERANCE
Code
B
C
D
F
G
J
K
Tol. ±0.1 pF ±0.25 pF ±0.5 pF ±1% ±2% ±5% ±10%
Packaging
C - ATC Matrix Tray (Standard)
T - Tape and Reel, 500 pc. qty.
I - Special Packaging. Consult Factory
CAP.
CODE
CAP.
(pF)
TOL.
RATED
WVDC
CAP.
CODE
CAP.
(pF)
TOL.
RATED
WVDC
CAP.
CODE
CAP.
(pF)
TOL.
RATED
WVDC
2R2
2.2
B, C, D
3600
240
24
F, G, J, K
3600
241
240
F, G, J, K
1000
2R4
2.4
270
27
271
270
2R7
2.7
300
30
301
300
3R0
3.0
330
33
331
330
3R3
3.3
360
36
361
360
3R6
3.6
390
39
391
390
3R9
3.9
430
43
431
430
4R3
4.3
470
47
471
470
4R7
4.7
510
51
511
510
5R1
5.1
560
56
2500
561
560
5R6
5.6
620
62
621
620
6R2
6.2
680
68
681
680
6R8
6.8
750
75
751
750
7R5
7.5
820
82
821
820
8R2
8.2
910
91
911
910
9R1
9.1
101
100
102
1000
600
100
10
F, G, J, K
111
110
112
1100
110
11
121
120
122
1200
120
12
131
130
152
1500
130
13
151
150
182
1800
150
15
161
160
222
2200
160
16
181
180
242
2400
180
18
201
200
272
2700
500
200
20
221
220
302
3000
220
22
A M E R I C A N
T E C H N I C A L
C E R A M I C S
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com