Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATC800C Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ATC800C
Description  Ultra-Stable Performance
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATC800C Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ATC800C Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC800C Datasheet HTML 2Page - List of Unclassifed Manufacturers ATC800C Datasheet HTML 3Page - List of Unclassifed Manufacturers ATC800C Datasheet HTML 4Page - List of Unclassifed Manufacturers ATC800C Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ATC 800 C Performance Data
8.2 pF
10 pF
18 pF
39 pF
220 pF
910 pF
3000 pF
2700 pF
1
100
0
0
0
1
0
0
1
10
800 C ESR vs. Frequency
Frequency (MHz)
4
Suggested Mounting Pad Dimensions
A M E R I C A N
T E C H N I C A L
C E R A M I C S
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com