Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ8000HI Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOZ8000HI
Description  Plastic Encapsulated Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ8000HI Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOZ8000HI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ8000HI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ8000HI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8000HI Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
V. Quality Assurance Information
Acceptable Quality Level for outgoing inspection: 0.1% for electrical and visual. Guaranteed
Outgoing Defect Rate: < 50 ppm
Quality Sample Plan: conform to Mil-Std-105D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com