Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXP2400 Datasheet(PDF) 13 Page - Intel Corporation

Part # IXP2400
Description  Intel짰 IXP2400 Network Processor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP2400 Datasheet(HTML) 13 Page - Intel Corporation

Back Button IXP2400 Datasheet HTML 9Page - Intel Corporation IXP2400 Datasheet HTML 10Page - Intel Corporation IXP2400 Datasheet HTML 11Page - Intel Corporation IXP2400 Datasheet HTML 12Page - Intel Corporation IXP2400 Datasheet HTML 13Page - Intel Corporation IXP2400 Datasheet HTML 14Page - Intel Corporation IXP2400 Datasheet HTML 15Page - Intel Corporation IXP2400 Datasheet HTML 16Page - Intel Corporation IXP2400 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 126 page
background image
Intel® IXP2400 Network Processor
Datasheet
13
2.2.4
Memory Management
The Intel XScale core implements the Memory Management Unit (MMU) Architecture specified
in the ARM Architecture Reference Manual. The MMU provides access protection and virtual to
physical address translation. The MMU Architecture also specifies the caching policies for the
instruction cache and data memory. These policies are specified as page attributes and include:
• Identifying code as cacheable or non-cacheable
• Selecting between the mini-data cache or data cache
• Write-back or write-through data caching
• Enabling data write allocation policy
• Enabling the write buffer to coalesce stores to external memory
2.2.5
Branch Target Buffer
The Intel XScale core provides a Branch Target Buffer (BTB) to predict the outcome of
branch-type instructions. It provides storage for the target address of branch-type instructions and
predicts the next address to present to the instruction cache when the current instruction address is
that of a branch. The BTB holds 128 entries.
2.3
Microengines
The Microengines (MEs) do most of the programmable per-packet processing in the IXP2400.
There are eight MEs, connected as shown in Figure 4. The MEs have access to all shared resources
(SRAM, DRAM, MSF, etc.) as well as private connections between adjacent MEs.
The MEs provide support for software-controlled multi-threaded operation. Given the disparity in
processor cycle times versus external memory times, a single thread of execution will often block,
waiting for external memory operations to complete. Having multiple threads available allows for
threads to interleave operation; there is often at least one thread ready to run while others are
blocked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com