Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXP2400 Datasheet(PDF) 39 Page - Intel Corporation

Part # IXP2400
Description  Intel짰 IXP2400 Network Processor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP2400 Datasheet(HTML) 39 Page - Intel Corporation

Back Button IXP2400 Datasheet HTML 35Page - Intel Corporation IXP2400 Datasheet HTML 36Page - Intel Corporation IXP2400 Datasheet HTML 37Page - Intel Corporation IXP2400 Datasheet HTML 38Page - Intel Corporation IXP2400 Datasheet HTML 39Page - Intel Corporation IXP2400 Datasheet HTML 40Page - Intel Corporation IXP2400 Datasheet HTML 41Page - Intel Corporation IXP2400 Datasheet HTML 42Page - Intel Corporation IXP2400 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 126 page
background image
Intel® IXP2400 Network Processor
Datasheet
39
Port 0 (MPHY)
TXCLK01
Input
TXENB[0]
Output
TXSOF[0]
Output
TXEOF[0]
Output
unused in UTOPIA mode, no connect
TXERR[0]
Output
unused in UTOPIA mode, no connect
TXPRTY[0]
Output
TXFA[0]
Input
used only in MPHY-4 direct status mode
TXPADL[1:0]
Output
unused in UTOPIA mode, no connect
TXDATA[31:0]
Output
TXPFA
Input
used only in MPHY-4/MPHY-32 polled status mode
TXSFA
Input
unused in UTOPIA mode, tie to ground
TXENB[1]
Output
TXADDR[4]
TXADDR[3:0]
Output
Table 12.
x32 POS-PHY Level 3 MPHY Mode
Port
Master Pin
Name
Direction
Notes
Port 3 (unused)
RXCLK23
Input
unused; tie to ground
RXENB[3]
Output
unused; no connect
RXSOF[3]
Input
unused; tie to ground
RXEOF[3]
Input
unused; tie to ground
RXVAL[3]
Input
unused; tie to ground
RXERR[3]
Input
unused; tie to ground
RXPRTY[3]
Input
unused; tie to ground
RXFA[3]
Input
unused; tie to ground
Port 2 (unused)
RXCLK23
Input
unused; tie to ground
RXENB[2]
Output
unused; no connect
RXSOF[2]
Input
unused; tie to ground
RXEOF[2]
Input
unused; tie to ground
RXVAL[2]
Input
unused; tie to ground
RXERR[2]
Input
unused; tie to ground
RXPRTY[2]
Input
unused; tie to ground
RXFA[2]
Input
unused; tie to ground
Table 11.
x32 UTOPIA Level 3 MPHY Mode (Continued)
Port
Master Pin
Name
Direction
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com