Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9S08AW60 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # S9S08AW60
Description  MC9S08AW60 Features
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08AW60 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button S9S08AW60 Datasheet HTML 17Page - Freescale Semiconductor, Inc S9S08AW60 Datasheet HTML 18Page - Freescale Semiconductor, Inc S9S08AW60 Datasheet HTML 19Page - Freescale Semiconductor, Inc S9S08AW60 Datasheet HTML 20Page - Freescale Semiconductor, Inc S9S08AW60 Datasheet HTML 21Page - Freescale Semiconductor, Inc S9S08AW60 Datasheet HTML 22Page - Freescale Semiconductor, Inc S9S08AW60 Datasheet HTML 23Page - Freescale Semiconductor, Inc S9S08AW60 Datasheet HTML 24Page - Freescale Semiconductor, Inc S9S08AW60 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 324 page
background image
Chapter 1 Introduction
MC9S08AW60 Data Sheet, Rev 2
Freescale Semiconductor
21
Table 1-3 lists the functional versions of the on-chip modules.
1.3
System Clock Distribution
Figure 1-2. System Clock Distribution Diagram
Some of the modules inside the MCU have clock source choices. Figure 1-2 shows a simplified clock
connection diagram. The ICG supplies the clock sources:
•
ICGOUT is an output of the ICG module. It is one of the following:
— The external crystal oscillator
— An external clock source
Table 1-3. Versions of On-Chip Modules
Module
Version
Analog-to-Digital Converter
(S08ADC10)
1
Internal Clock Generator
(S08ICG)
4
Inter-Integrated Circuit
(S08IIC)
1
Keyboard Interrupt
(S08KBI)
1
Serial Communications Interface
(S08SCI)
2
Serial Peripheral Interface
(S08SPI)
3
Timer Pulse-Width Modulator
(S08TPM)
2
Central Processing Unit
(S08CPU)
2
Debug Module
(DBG)
2
TPM1
TPM2
IIC1
SCI1
SCI2
SPI1
BDC
CPU
ADC1
RAM
FLASH
ICG
ICGOUT
÷2
FFE
SYSTEM
LOGIC
BUSCLK
ICGLCLK*
CONTROL
FIXED FREQ CLOCK (XCLK)
ICGERCLK
RTI
* ICGLCLK is the alternate BDC clock source for the MC9S08AW60 Series.
÷2
FLASH has frequency
requirements for program
and erase operation.
See Appendix A, “Electrical
Characteristics and Timing
Specifications.
ADC has min and max
frequency requirements.
See Chapter 14,
“Analog-to-Digital Converter
(S08ADC10V1) and
Appendix A, “Electrical
Characteristics and Timing
Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com