Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9S08AW60 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # S9S08AW60
Description  MC9S08AW60 Features
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08AW60 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button S9S08AW60 Datasheet HTML 9Page - Freescale Semiconductor, Inc S9S08AW60 Datasheet HTML 10Page - Freescale Semiconductor, Inc S9S08AW60 Datasheet HTML 11Page - Freescale Semiconductor, Inc S9S08AW60 Datasheet HTML 12Page - Freescale Semiconductor, Inc S9S08AW60 Datasheet HTML 13Page - Freescale Semiconductor, Inc S9S08AW60 Datasheet HTML 14Page - Freescale Semiconductor, Inc S9S08AW60 Datasheet HTML 15Page - Freescale Semiconductor, Inc S9S08AW60 Datasheet HTML 16Page - Freescale Semiconductor, Inc S9S08AW60 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 324 page
background image
MC9S08AW60 Data Sheet, Rev 2
Freescale Semiconductor
13
Section Number
Title
Page
8.4.4
FLL Engaged Internal Unlocked ..................................................................................143
8.4.5
FLL Engaged Internal Locked ......................................................................................143
8.4.6
FLL Bypassed, External Clock (FBE) Mode ...............................................................143
8.4.7
FLL Engaged, External Clock (FEE) Mode .................................................................143
8.4.8
FLL Lock and Loss-of-Lock Detection ........................................................................144
8.4.9
FLL Loss-of-Clock Detection ......................................................................................145
8.4.10
Clock Mode Requirements ...........................................................................................146
8.4.11
Fixed Frequency Clock .................................................................................................147
8.4.12
High Gain Oscillator .....................................................................................................147
8.5
Initialization/Application Information ..........................................................................................147
8.5.1
Introduction ..................................................................................................................147
8.5.2
Example #1: External Crystal = 32 kHz, Bus Frequency = 4.19 MHz ........................149
8.5.3
Example #2: External Crystal = 4 MHz, Bus Frequency = 20 MHz ............................151
8.5.4
Example #3: No External Crystal Connection, 5.4 MHz Bus Frequency ....................153
8.5.5
Example #4: Internal Clock Generator Trim ................................................................155
Chapter 9
Keyboard Interrupt (S08KBIV1)
9.1
Introduction ...................................................................................................................................157
9.2
Keyboard Pin Sharing ....................................................................................................................157
9.3
Features .........................................................................................................................................158
9.3.1
KBI Block Diagram ......................................................................................................160
9.4
Register Definition ........................................................................................................................160
9.4.1
KBI Status and Control Register (KBI1SC) .................................................................161
9.4.2
KBI Pin Enable Register (KBI1PE) .............................................................................162
9.5
Functional Description ..................................................................................................................162
9.5.1
Pin Enables ...................................................................................................................162
9.5.2
Edge and Level Sensitivity ...........................................................................................162
9.5.3
KBI Interrupt Controls .................................................................................................163
Chapter 10
Timer/PWM (S08TPMV2)
10.1 Introduction ...................................................................................................................................165
10.2 Features .........................................................................................................................................165
10.2.1
Features .........................................................................................................................167
10.2.2
Block Diagram ..............................................................................................................167
10.3 External Signal Description ..........................................................................................................169
10.3.1
External TPM Clock Sources .......................................................................................169
10.3.2
TPMxCHn — TPMx Channel n I/O Pins .....................................................................169
10.4 Register Definition ........................................................................................................................169
10.4.1
Timer x Status and Control Register (TPMxSC) ..........................................................170
10.4.2
Timer x Counter Registers (TPMxCNTH:TPMxCNTL) .............................................171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com