Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1329 Datasheet(PDF) 8 Page - ams AG

Part # AS1329
Description  Low Vol tage, Micropower, DC-DC Step-Up Conver ters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1329 Datasheet(HTML) 8 Page - ams AG

Back Button AS1329 Datasheet HTML 4Page - ams AG AS1329 Datasheet HTML 5Page - ams AG AS1329 Datasheet HTML 6Page - ams AG AS1329 Datasheet HTML 7Page - ams AG AS1329 Datasheet HTML 8Page - ams AG AS1329 Datasheet HTML 9Page - ams AG AS1329 Datasheet HTML 10Page - ams AG AS1329 Datasheet HTML 11Page - ams AG AS1329 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.ams.com/DC-DC_Step-Up/AS1329
Revision 1.12
8 - 20
AS1329
Datasheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS1329 can operate from a single-cell input voltage (VIN) below 1V, and features fixed frequency (1.2MHz) and current mode PWM control
for exceptional line- and load-regulation. With low RDS(ON) and gate charge internal NMOS and PMOS switches, the device maintains high-
efficiency from light to heavy loads.
Modern portable devices frequently spend extended time in low-power or standby modes, switching to high power-drain only when certain
functions are enabled. The AS1329A, AS1329B and AS1329C are ideal for portable devices since they maintain high-power conversion
efficiency over a wide output power range, thus increasing battery life in these types of devices.
In addition to high-efficiency at moderate and heavy loads, the AS1329A as well as the AS1329B includes an automatic powersave mode that
improves efficiency of the power converter at light loads. The powersave mode is initiated if the output load current falls below a factory
programmed threshold (see Figure 6 on page 5).
Note:
The AS1329C does not support powersave mode and provides continuous operation at all loads, eliminating low-frequency VOUT rip-
ple at the expense of light load efficiency.
Figure 19. AS1329 - Block Diagram
8.1 Low-Voltage Start-Up
The AS1329 requires VIN of only 0.85V (typ) or higher to start up. The low-voltage start-up circuitry controls the internal NMOS switch up to a
maximum peak inductor current of 850mA (typ), with 1.5ms (approx.) off-time during start-up, allowing the devices to start up into an output load.
With a VOUT > 2.3V, the start-up circuitry is disabled and normal fixed-frequency PWM operation is initiated. In this mode, the AS1329 operates
independent of VIN, allowing extended operating time as the battery can drop to several tenths of a volt without affecting output regulation. The
limiting factor for the application is the ability of the battery to supply sufficient energy to the output.
AS1329
+
–
Start Up
OSC
PWM
Control
A/B
MUX
Slope
Compensator
1.2MHz
Ramp
Generator
+
–
Powersave
Operation
Control
–
Shutdown
Control
PWM
Comp
Σ
+
–
1.23V
Ref
Sync Drive
Control
A
B
VOUT
Good
2.3V
gm Error
Amp
Shutdown
Powersave
0.35
Ω
0.45
Ω
R2
640k
Ω 1%
R1
1.02M
Ω
1%
CFF*
COUT
4.7µF
3.3V
Output
CIN
1µF
1.5V
Single Cell
* Optional
Current
Sense
RC
80k
Ω
CP2
2.5pF
CC
150pF
GND
2
SW
1
4
SHDNN
3
FB
6
VIN
5
VOUT
L1
4.7µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com